Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K-P Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST25TA02K-P
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 21Page - STMicroelectronics ST25TA02K-P Datasheet HTML 22Page - STMicroelectronics ST25TA02K-P Datasheet HTML 23Page - STMicroelectronics ST25TA02K-P Datasheet HTML 24Page - STMicroelectronics ST25TA02K-P Datasheet HTML 25Page - STMicroelectronics ST25TA02K-P Datasheet HTML 26Page - STMicroelectronics ST25TA02K-P Datasheet HTML 27Page - STMicroelectronics ST25TA02K-P Datasheet HTML 28Page - STMicroelectronics ST25TA02K-P Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
DocID027794 Rev 2
25/64
ST25TA02K-P
ST25TA02K-P memory management
3.2.3
Changing the write access right to NDEF files
The state diagram on Figure 13 shows how to change the write access right to an NDEF file.
Figure 13. Changing the write access right to an NDEF file
1. See the procedure to lock the write access.
2. See the procedure to unlock the write access.
3. See the procedure to permanently lock the write access (Section 7.6: Reaching the read-only state for an
NDEF file).
4. Proprietary state, not defined by NFC Forum Type 4 Tag.
3.3
Access right life time
The access right life time is validated while the NDEF file is selected or until the end of the
RF session. Once the read or write access right is granted, the host can send one or more
ReadBinary or UpdateBinary commands.
At the end of a session or when the host selects another file, the read and write access
rights are initialized.
3.4
NDEF file passwords
The NDEF file passwords protect the read or write access from an RF interface from/to an
NDEF file.
Two NDEF file passwords are available for each NDEF file:
•
Read password
•
Write password
The length of a password is 128 bits (16 bytes).
Note:
The delivery state for all passwords = 0x00000000000000000000000000000000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com