Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K-P Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST25TA02K-P
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 33Page - STMicroelectronics ST25TA02K-P Datasheet HTML 34Page - STMicroelectronics ST25TA02K-P Datasheet HTML 35Page - STMicroelectronics ST25TA02K-P Datasheet HTML 36Page - STMicroelectronics ST25TA02K-P Datasheet HTML 37Page - STMicroelectronics ST25TA02K-P Datasheet HTML 38Page - STMicroelectronics ST25TA02K-P Datasheet HTML 39Page - STMicroelectronics ST25TA02K-P Datasheet HTML 40Page - STMicroelectronics ST25TA02K-P Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
DocID027794 Rev 2
37/64
ST25TA02K-P
RF command sets
58
Table 26 defines the R-APDU of the CC Select command.
Note:
For further return codes and definitions, refer to Section 5.6.2: Status and error codes.
5.6.5
NDEF Select command
The RF host uses the NDEF Select command to select the NDEF file.
The NDEF file is selected when this command returns "command completed" in the R-
APDU. Table 27 defines the C-APDU of the Select command to select the NDEF file (called
NDEF Select).
Table 25. C-APDU of the Capability Container Select command
Name
CLA
INS
P1
P2
Lc
Data
Le
-
0x00
0xA4
0x00
0x0C
0x02
0xE103
-
Class byte
Select instruction code
P1 field
P2 field
Number of bytes of data
CC file ID
(empty field)
Table 26. R-APDU of the Capability Container Select command
Data
SW1
SW2
Comment
Length
-
1 byte
1 byte
-
Value
-
0x90
0x00
Command completed
Value
-
0x6A
0x82
File or application not found
Value
-
0x6D
0x00
Class not supported
Table 27. C-APDU of the NDEF Select command
Name
CLA
INS
P1
P2
Lc
Data
Le
-
0x00
0xA4
0x00
0x0C
0x02
0x0001
-
Class byte
Select instruction code
P1 field
P2 field
Number of bytes of data
0x0001: NDEF file
(empty field)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com