Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K-P Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST25TA02K-P
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 8Page - STMicroelectronics ST25TA02K-P Datasheet HTML 9Page - STMicroelectronics ST25TA02K-P Datasheet HTML 10Page - STMicroelectronics ST25TA02K-P Datasheet HTML 11Page - STMicroelectronics ST25TA02K-P Datasheet HTML 12Page - STMicroelectronics ST25TA02K-P Datasheet HTML 13Page - STMicroelectronics ST25TA02K-P Datasheet HTML 14Page - STMicroelectronics ST25TA02K-P Datasheet HTML 15Page - STMicroelectronics ST25TA02K-P Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
Signal descriptions
ST25TA02K-P
12/64
DocID027794 Rev 2
2.4
General Purpose Output (GPO)
The GPO pad is a CMOS pad, with default polarity set to 0.
This pad is a configurable output signal, driven to the alternate polarity when configured
event occurs. Its behavior is consistent with the RF session activated and with the mode
chosen by the user.
The user can select one of these configurations(a):
•
SessionOpen: an RF session is ongoing.
•
MIP (NDEF Message updating In Progress): the RF host is writing an NDEF length
different from 0x0000. This mode can be used to detect when the RF host changes the
NDEF message as defined by the NFC Forum.
•
WIP (Writing In Progress): the ST25TA02K-P is executing a writing operation.
•
INT (interrupt): the RF host can force the ST25TA02K-P to send an alternate pulse on
the GPO pin.
•
State mode: the RF host can control the state of the GPO pad during the RF session.
•
RF busy: an RF host is communicating with the ST25TA02K-P.
•
Field detection: the RF field is sufficient to establish an RF communication with the
ST25TA02K-P.
GPO configuration byte can be locked, by setting its Most Significant Bit to 1 (1xxx 0000 b).
Once locked, this byte cannot be changed anymore.
a. See Table 60: GPO timings measurement for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com