Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TA02K-P Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST25TA02K-P
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K-P Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST25TA02K-P Datasheet HTML 18Page - STMicroelectronics ST25TA02K-P Datasheet HTML 19Page - STMicroelectronics ST25TA02K-P Datasheet HTML 20Page - STMicroelectronics ST25TA02K-P Datasheet HTML 21Page - STMicroelectronics ST25TA02K-P Datasheet HTML 22Page - STMicroelectronics ST25TA02K-P Datasheet HTML 23Page - STMicroelectronics ST25TA02K-P Datasheet HTML 24Page - STMicroelectronics ST25TA02K-P Datasheet HTML 25Page - STMicroelectronics ST25TA02K-P Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
ST25TA02K-P memory management
ST25TA02K-P
22/64
DocID027794 Rev 2
3.1.4
System file layout
The system file specifies the configuration of the ST25TA02K-P. Table 6 lists the different
fields.
Table 6. Field list
File offset
Field name
Number of
bytes
Read access Write access Delivery state
0x0000
Length system file
2
yes
-
0x0012
0x0002
GPO Config
1
yes
yes(1)
1. Configuration bytes can be locked by setting the Most significant bit to 1. Once locked, these bytes cannot
be changed anymore.
0x70(2)
2. Field detect as default GPO configuration.
0x0003
Event Counter
Config
1
yes
yes(1)
0x00
0x0004
20 bits counter (MS
nibble 0x0)
3
yes
none
0x000000
0x0007
Product version
1
yes
none
0x13(3)
3. ST reserved.
0x0008
UID
7
yes
none
0x02A2 xx xx
xx xx xx (4)
4.
x values are defined by ST to ensure UID unicity.
0x000F
Memory Size - 1
2
yes
none
0x00FF
0x0011
Product Code
1
yes
none
0xA2
Table 7. Details about the GPO field
File offset
b7
b6-b4
b3-b0
0x0002
GPO config lock bit:
0b0: unlocked
0b1: locked
GPO configuration:
0b000: Not used
0b001: Session opened
0b010: WIP
0b011: MIP
0b100: Interrupt
0b101: State Control
0b110: RF Busy
0b111: Field Detect
0b0000 ST Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com