Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3H Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM6DS3H
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3H Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM6DS3H Datasheet HTML 48Page - STMicroelectronics LSM6DS3H Datasheet HTML 49Page - STMicroelectronics LSM6DS3H Datasheet HTML 50Page - STMicroelectronics LSM6DS3H Datasheet HTML 51Page - STMicroelectronics LSM6DS3H Datasheet HTML 52Page - STMicroelectronics LSM6DS3H Datasheet HTML 53Page - STMicroelectronics LSM6DS3H Datasheet HTML 54Page - STMicroelectronics LSM6DS3H Datasheet HTML 55Page - STMicroelectronics LSM6DS3H Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
Register description
LSM6DS3H
52/104
DocID028370 Rev 4
9.8
ORIENT_CFG_G (0Bh)
Angular rate sensor sign and orientation register (r/w).
Table 37. ORIENT_CFG_G register
Table 35. FIFO ODR selection
ODR_FIFO_[3:0]
Configuration(1)
1. If the device is working at an ODR slower than the one selected, FIFO ODR is limited to that ODR value.
Moreover, these bits are effective if both the DATA_VALID_SEL FIFO bit of MASTER_CONFIG (1Ah) and
the TIMER_PEDO_FIFO_DRDY bit of FIFO_CTRL2 (07h) are set to 0.
0000
FIFO disabled
0001
FIFO ODR is set to 12.5 Hz
0010
FIFO ODR is set to 26 Hz
0011
FIFO ODR is set to 52 Hz
0100
FIFO ODR is set to 104 Hz
0101
FIFO ODR is set to 208 Hz
0110
FIFO ODR is set to 416 Hz
0111
FIFO ODR is set to 833 Hz
1000
FIFO ODR is set to 1.66 kHz
1001
FIFO ODR is set to 3.33 kHz
1010
FIFO ODR is set to 6.66 kHz
Table 36. FIFO mode selection
FIFO_MODE_[2:0]
Configuration mode
000
Bypass mode. FIFO disabled.
001
FIFO mode. Stops collecting data when FIFO is full.
010
Reserved
011
Continuous mode until trigger is deasserted, then FIFO mode.
100
Bypass mode until trigger is deasserted, then Continuous mode.
101
Reserved
110
Continuous mode. If the FIFO is full, the new sample overwrites the older one.
111
Reserved
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
SignX_G
SignY_G
SignZ_G
Orient_2
Orient_1
Orient_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com