Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3H Datasheet(PDF) 95 Page - STMicroelectronics

Part # LSM6DS3H
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3H Datasheet(HTML) 95 Page - STMicroelectronics

Back Button LSM6DS3H Datasheet HTML 91Page - STMicroelectronics LSM6DS3H Datasheet HTML 92Page - STMicroelectronics LSM6DS3H Datasheet HTML 93Page - STMicroelectronics LSM6DS3H Datasheet HTML 94Page - STMicroelectronics LSM6DS3H Datasheet HTML 95Page - STMicroelectronics LSM6DS3H Datasheet HTML 96Page - STMicroelectronics LSM6DS3H Datasheet HTML 97Page - STMicroelectronics LSM6DS3H Datasheet HTML 98Page - STMicroelectronics LSM6DS3H Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 104 page
background image
DocID028370 Rev 4
95/104
LSM6DS3H
Embedded functions registers description
104
11.17
STEP_COUNT_DELTA (15h)
Time period register for step detection on delta time (r/w).
11.18
MAG_SI_XX (24h)
Soft-iron matrix correction register (r/w).
11.19
MAG_SI_XY (25h)
Soft-iron matrix correction register (r/w).
11.20
MAG_SI_XZ (26h)
Soft-iron matrix correction register (r/w).
Table 242. STEP_COUNT_DELTA register
SC_
DELTA_7
SC_
DELTA_6
SC_
DELTA_5
SC_
DELTA_4
SC_
DELTA_3
SC_
DELTA_2
SC_
DELTA_1
SC_
DELTA_0
Table 243. STEP_COUNT_DELTA register description
SC_DELTA[7:0]
Time period value(1) (1LSB = 1.6384 s)
1. This value is effective if the TIMER_EN bit of the TAP_CFG (58h) register is set to 1 and the TIMER_HR
bit of the WAKE_UP_DUR (5Ch) register is set to 0.
Table 244. MAG_SI_XX register
MAG_SI_
XX_7
MAG_SI_
XX_6
MAG_SI_
XX_5
MAG_SI_
XX_4
MAG_SI_
XX_3
MAG_SI_
XX_2
MAG_SI_
XX_1
MAG_SI_
XX_0
Table 245. MAG_SI_XX register description
MAG_SI_XX_[7:0]
Soft-iron correction row1 col1 coefficient(1). Default value: 00001000
1. Value is expressed in sign-module format.
Table 246. MAG_SI_XY register
MAG_SI_
XY_7
MAG_SI_
XY_6
MAG_SI_
XY_5
MAG_SI_
XY_4
MAG_SI_
XY_3
MAG_SI_
XY_2
MAG_SI_
XY_1
MAG_SI_
XY_0
Table 247. MAG_SI_XY register description
MAG_SI_XY_[7:0] Soft-iron correction row1 col2 coefficient(1). Default value: 00000000
1. Value is expressed in sign-module format.
Table 248. MAG_SI_XZ register
MAG_SI_
XZ_7
MAG_SI_
XZ_6
MAG_SI_
XZ_5
MAG_SI_
XZ_4
MAG_SI_
XZ_3
MAG_SI_
XZ_2
MAG_SI_
XZ_1
MAG_SI_
XZ_0
Table 249. MAG_SI_XZ register description
MAG_SI_XZ_[7:0]
Soft-iron correction row1 col3 coefficient(1). Default value: 00000000
1. Value is expressed in sign-module format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com