Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3H Datasheet(PDF) 96 Page - STMicroelectronics

Part # LSM6DS3H
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3H Datasheet(HTML) 96 Page - STMicroelectronics

Back Button LSM6DS3H Datasheet HTML 92Page - STMicroelectronics LSM6DS3H Datasheet HTML 93Page - STMicroelectronics LSM6DS3H Datasheet HTML 94Page - STMicroelectronics LSM6DS3H Datasheet HTML 95Page - STMicroelectronics LSM6DS3H Datasheet HTML 96Page - STMicroelectronics LSM6DS3H Datasheet HTML 97Page - STMicroelectronics LSM6DS3H Datasheet HTML 98Page - STMicroelectronics LSM6DS3H Datasheet HTML 99Page - STMicroelectronics LSM6DS3H Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
Embedded functions registers description
LSM6DS3H
96/104
DocID028370 Rev 4
11.21
MAG_SI_YX (27h)
Soft-iron matrix correction register (r/w).
11.22
MAG_SI_YY (28h)
Soft-iron matrix correction register (r/w).
11.23
MAG_SI_YZ (29h)
Soft-iron matrix correction register (r/w).
11.24
MAG_SI_ZX (2Ah)
Soft-iron matrix correction register (r/w).
Table 250. MAG_SI_YX register
MAG_SI_
YX_7
MAG_SI_
YX_6
MAG_SI_
YX_5
MAG_SI_
YX_4
MAG_SI_
YX_3
MAG_SI_
YX_2
MAG_SI_
YX_1
MAG_SI_
YX_0
Table 251. MAG_SI_YX register description
MAG_SI_YX_[7:0]
Soft-iron correction row2 col1 coefficient(1). Default value: 00000000
1. Value is expressed in sign-module format.
Table 252. MAG_SI_YY register
MAG_SI_
YY_7
MAG_SI_
YY_6
MAG_SI_
YY_5
MAG_SI_
YY_4
MAG_SI_
YY_3
MAG_SI_
YY_2
MAG_SI_
YY_1
MAG_SI_
YY_0
Table 253. MAG_SI_YY register description
MAG_SI_YY_[7:0]
Soft-iron correction row2 col2 coefficient(1). Default value: 00001000
1. Value is expressed in sign-module format.
Table 254. MAG_SI_YZ register
MAG_SI_
YZ_7
MAG_SI_
YZ_6
MAG_SI_
YZ_5
MAG_SI_
YZ_4
MAG_SI_
YZ_3
MAG_SI_
YZ_2
MAG_SI_
YZ_1
MAG_SI_
YZ_0
Table 255. MAG_SI_YZ register description
MAG_SI_YZ_[7:0]
Soft-iron correction row2 col3 coefficient(1). Default value: 00000000
1. Value is expressed in sign-module format.
Table 256. MAG_SI_ZX register
MAG_SI_
ZX_7
MAG_SI_
ZX_6
MAG_SI_
ZX_5
MAG_SI_
ZX_4
MAG_SI_
ZX_3
MAG_SI_
ZX_2
MAG_SI_
ZX_1
MAG_SI_
ZX_0
Table 257. MAG_SI_ZX register description
MAG_SI_ZX_[7:0] Soft-iron correction row3 col1 coefficient(1). Default value: 00000000
1. Value is expressed in sign-module format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com