Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3H Datasheet(PDF) 48 Page - STMicroelectronics

Part # LSM6DS3H
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3H Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LSM6DS3H Datasheet HTML 44Page - STMicroelectronics LSM6DS3H Datasheet HTML 45Page - STMicroelectronics LSM6DS3H Datasheet HTML 46Page - STMicroelectronics LSM6DS3H Datasheet HTML 47Page - STMicroelectronics LSM6DS3H Datasheet HTML 48Page - STMicroelectronics LSM6DS3H Datasheet HTML 49Page - STMicroelectronics LSM6DS3H Datasheet HTML 50Page - STMicroelectronics LSM6DS3H Datasheet HTML 51Page - STMicroelectronics LSM6DS3H Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 104 page
background image
Register description
LSM6DS3H
48/104
DocID028370 Rev 4
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
linear acceleration, angular rate and temperature data. The register addresses, made up of
7 bits, are used to identify them and to write the data through the serial interface.
9.1
FUNC_CFG_ACCESS (01h)
Enable embedded functions register (r/w).
Table 18. FUNC_CFG_ACCESS register description
9.2
SENSOR_SYNC_TIME_FRAME (04h)
Sensor synchronization time frame register (r/w).
Table 20. ISENSOR_SYNC_TIME_FRAME register description
9.3
FIFO_CTRL1 (06h)
FIFO control register (r/w).
Table 22. FIFO_CTRL1 register description
Table 17. FUNC_CFG_ACCESS register
FUNC_CFG_EN
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
FUNC_CFG_EN
Enable access to the embedded functions configuration registers (1) from address
02h to 32h. Default value: 0.
(0: disable access to embedded functions configuration registers;
1: enable access to embedded functions configuration registers)
1. The embedded functions configuration registers details are available in 10: Embedded functions register
mapping and 11: Embedded functions registers description.
Table 19. SENSOR_SYNC_TIME_FRAME register
TPH_7
TPH_6
TPH_5
TPH_4
TPH_3
TPH_2
TPH_1
TPH_0
TPH_ [7:0]
Sensor synchronization time frame with the step of 500 ms and full range of 5 s.
Unsigned 8-bit.
Default value: 0000 0000
Table 21. FIFO_CTRL1 register
FTH_7
FTH_6
FTH_5
FTH_4
FTH_3
FTH_2
FTH_1
FTH_0
FTH_[7:0]
FIFO threshold level setting(1). Default value: 0000 0000.
Watermark flag rises when the number of bytes written to FIFO after the next write is
greater than or equal to the threshold level.
Minimum resolution for the FIFO is 1 LSB = 2 bytes (1 word) in FIFO
1. For a complete watermark threshold configuration, consider FTH_[11:8] in FIFO_CTRL2 (07h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com