Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3H Datasheet(PDF) 18 Page - STMicroelectronics

Part # LSM6DS3H
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3H Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LSM6DS3H Datasheet HTML 14Page - STMicroelectronics LSM6DS3H Datasheet HTML 15Page - STMicroelectronics LSM6DS3H Datasheet HTML 16Page - STMicroelectronics LSM6DS3H Datasheet HTML 17Page - STMicroelectronics LSM6DS3H Datasheet HTML 18Page - STMicroelectronics LSM6DS3H Datasheet HTML 19Page - STMicroelectronics LSM6DS3H Datasheet HTML 20Page - STMicroelectronics LSM6DS3H Datasheet HTML 21Page - STMicroelectronics LSM6DS3H Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
Pin description
LSM6DS3H
18/104
DocID028370 Rev 4
3.1
Pin connections
The LSM6DS3H offers the flexibility to connect the pins in order to have three different
mode connections and functionalities. In detail:
Mode 1: I2C slave interface or SPI (3- and 4-wire) serial interface is available;
Mode 2: I2C slave interface or SPI (3- and 4-wire) serial interface and I2C interface
master for external sensors connections are available;
Mode 3(a): I2C slave interface or SPI (3- and 4-wire) serial interface is available for the
application processor interface while an auxiliary SPI (3-wire) serial interface for
external sensor connections (i.e. camera module) is available.
Figure 2. LSM6DS3H connection modes
In the following table each mode is described for the pin connection and function.
a. In the primary SPI connection, the gyroscope output data is available in registers 22h to 27h with user-selected
FS and ODR. In the auxiliary SPI connection, gyroscope output data is available in registers 22h to 27h
@ 3.3 kHz and FS = 250 dps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com