Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3H Datasheet(PDF) 78 Page - STMicroelectronics

Part # LSM6DS3H
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3H Datasheet(HTML) 78 Page - STMicroelectronics

Back Button LSM6DS3H Datasheet HTML 74Page - STMicroelectronics LSM6DS3H Datasheet HTML 75Page - STMicroelectronics LSM6DS3H Datasheet HTML 76Page - STMicroelectronics LSM6DS3H Datasheet HTML 77Page - STMicroelectronics LSM6DS3H Datasheet HTML 78Page - STMicroelectronics LSM6DS3H Datasheet HTML 79Page - STMicroelectronics LSM6DS3H Datasheet HTML 80Page - STMicroelectronics LSM6DS3H Datasheet HTML 81Page - STMicroelectronics LSM6DS3H Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
Register description
LSM6DS3H
78/104
DocID028370 Rev 4
9.65
SENSORHUB13_REG (4Dh)
Thirteenth byte associated to external sensors. The content of the register is consistent with
the SLAVEx_CONFIG number of read operation configurations (for external sensors from
x = 0 to x = 3).
9.66
SENSORHUB14_REG (4Eh)
Fourteenth byte associated to external sensors. The content of the register is consistent
with the SLAVEx_CONFIG number of read operation configurations (for external sensors
from x = 0 to x = 3).
9.67
SENSORHUB15_REG (4Fh)
Fifteenth byte associated to external sensors. The content of the register is consistent with
the SLAVEx_CONFIG number of read operation configurations (for external sensors from x
= 0 to x = 3).
9.68
SENSORHUB16_REG (50h)
Sixteenth byte associated to external sensors. The content of the register is consistent with
the SLAVEx_CONFIG number of read operation configurations (for external sensors from
x = 0 to x = 3).
Table 163. SENSORHUB13_REG register
SHub13_7 SHub13_6 SHub13_5 SHub13_4 SHub13_3 SHub13_2 SHub13_1 SHub13_0
Table 164. SENSORHUB13_REG register description
SHub13_[7:0]
Thirteenth byte associated to external sensors
Table 165. SENSORHUB14_REG register
SHub14_7 SHub14_6 SHub14_5 SHub14_4 SHub14_3 SHub14_2 SHub14_1 SHub14_0
Table 166. SENSORHUB14_REG register description
SHub14_[7:0]
Fourteenth byte associated to external sensors
Table 167. SENSORHUB15_REG register
SHub15_7 SHub15_6 SHub15_5 SHub15_4 SHub15_3 SHub15_2 SHub15_1 SHub15_0
Table 168. SENSORHUB15_REG register description
SHub15_[7:0]
Fifteenth byte associated to external sensors
Table 169. SENSORHUB16_REG register
SHub16_7 SHub16_6 SHub16_5 SHub16_4 SHub16_3 SHub16_2 SHub16_1 SHub16_0
Table 170. SENSORHUB16_REG register description
SHub16_[7:0]
Sixteenth byte associated to external sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com