Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3H Datasheet(PDF) 76 Page - STMicroelectronics

Part # LSM6DS3H
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3H Datasheet(HTML) 76 Page - STMicroelectronics

Back Button LSM6DS3H Datasheet HTML 72Page - STMicroelectronics LSM6DS3H Datasheet HTML 73Page - STMicroelectronics LSM6DS3H Datasheet HTML 74Page - STMicroelectronics LSM6DS3H Datasheet HTML 75Page - STMicroelectronics LSM6DS3H Datasheet HTML 76Page - STMicroelectronics LSM6DS3H Datasheet HTML 77Page - STMicroelectronics LSM6DS3H Datasheet HTML 78Page - STMicroelectronics LSM6DS3H Datasheet HTML 79Page - STMicroelectronics LSM6DS3H Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 104 page
background image
Register description
LSM6DS3H
76/104
DocID028370 Rev 4
9.57
FIFO_DATA_OUT_H (3Fh)
FIFO data output register (r). For a proper reading of the register it is suggested to set BDU
bit in CTRL3_C (12h) to 0.
9.58
TIMESTAMP0_REG (40h)
Timestamp first byte data output register (r). The value is expressed as a 24-bit word and
the bit resolution is defined by setting the value in WAKE_UP_DUR (5Ch).
9.59
TIMESTAMP1_REG (41h)
Timestamp second byte data output register (r). The value is expressed as a 24-bit word
and the bit resolution is defined by setting value in WAKE_UP_DUR (5Ch).
9.60
TIMESTAMP2_REG (42h)
Timestamp third byte data output register (r/w). The value is expressed as a 24-bit word and
the bit resolution is defined by setting the value in WAKE_UP_DUR (5Ch). To reset the
timer, the AAh value has to be stored in this register.
Table 147. FIFO_DATA_OUT_H register
DATA_
OUT_
FIFO_H_7
DATA_
OUT_
FIFO_H_6
DATA_
OUT_
FIFO_H_5
DATA_
OUT_
FIFO_H_4
DATA_
OUT_
FIFO_H_3
DATA_
OUT_
FIFO_H_2
DATA_
OUT_
FIFO_H_1
DATA_
OUT_
FIFO_H_0
Table 148. FIFO_DATA_OUT_H register description
DATA_OUT_FIFO_H_[7:0]
FIFO data output (second byte)
Table 149. TIMESTAMP0_REG register
TIMESTA
MP0_7
TIMESTA
MP0_6
TIMESTA
MP0_5
TIMESTA
MP0_4
TIMESTA
MP0_3
TIMESTA
MP0_2
TIMESTA
MP0_1
TIMESTA
MP0_0
Table 150. TIMESTAMP0_REG register description
TIMESTAMP0_[7:0]
TIMESTAMP first byte data output
Table 151. TIMESTAMP1_REG register
TIMESTA
MP1_7
TIMESTA
MP1_6
TIMESTA
MP1_5
TIMESTA
MP1_4
TIMESTA
MP1_3
TIMESTA
MP1_2
TIMESTA
MP1_1
TIMESTA
MP1_0
Table 152. TIMESTAMP1_REG register description
TIMESTAMP1_[7:0]
TIMESTAMP second byte data output
Table 153. TIMESTAMP2_REG register
TIMESTA
MP2_7
TIMESTA
MP2_6
TIMESTA
MP2_5
TIMESTA
MP2_4
TIMESTA
MP2_3
TIMESTA
MP2_2
TIMESTA
MP2_1
TIMESTA
MP2_0
Table 154. TIMESTAMP2_REG register description
TIMESTAMP2_[7:0] TIMESTAMP third byte data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com