Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3H Datasheet(PDF) 77 Page - STMicroelectronics

Part # LSM6DS3H
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3H Datasheet(HTML) 77 Page - STMicroelectronics

Back Button LSM6DS3H Datasheet HTML 73Page - STMicroelectronics LSM6DS3H Datasheet HTML 74Page - STMicroelectronics LSM6DS3H Datasheet HTML 75Page - STMicroelectronics LSM6DS3H Datasheet HTML 76Page - STMicroelectronics LSM6DS3H Datasheet HTML 77Page - STMicroelectronics LSM6DS3H Datasheet HTML 78Page - STMicroelectronics LSM6DS3H Datasheet HTML 79Page - STMicroelectronics LSM6DS3H Datasheet HTML 80Page - STMicroelectronics LSM6DS3H Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
DocID028370 Rev 4
77/104
LSM6DS3H
Register description
104
9.61
STEP_TIMESTAMP_L (49h)
Step counter timestamp information register (r). When a step is detected, the value of
TIMESTAMP_REG1 register is copied in STEP_TIMESTAMP_L.
9.62
STEP_TIMESTAMP_H (4Ah)
Step counter timestamp information register (r). When a step is detected, the value of
TIMESTAMP_REG2 register is copied in STEP_TIMESTAMP_H.
9.63
STEP_COUNTER_L (4Bh)
Step counter output register (r).
9.64
STEP_COUNTER_H (4Ch)
Step counter output register (r).
Table 155. STEP_TIMESTAMP_L register
STEP_
TIMESTA
MP_L_7
STEP_
TIMESTA
MP_L_6
STEP_
TIMESTA
MP_L_5
STEP_
TIMESTA
MP_L_4
STEP_
TIMESTA
MP_L_3
STEP_
TIMESTA
MP_L_2
STEP_
TIMESTA
MP_L_1
STEP_
TIMESTA
MP_L_0
Table 156. STEP_TIMESTAMP_L register description
STEP_TIMESTAMP_L[7:0]
Timestamp of last step detected.
Table 157. STEP_TIMESTAMP_H register
STEP_
TIMESTA
MP_H_7
STEP_
TIMESTA
MP_H_6
STEP_
TIMESTA
MP_H_5
STEP_
TIMESTA
MP_H_4
STEP_
TIMESTA
MP_H_3
STEP_
TIMESTA
MP_H_2
STEP_
TIMESTA
MP_H_1
STEP_
TIMESTA
MP_H_0
Table 158. STEP_TIMESTAMP_H register description
STEP_TIMESTAMP_H[7:0]
Timestamp of last step detected.
Table 159. STEP_COUNTER_L register
STEP_CO
UNTER_L
_7
STEP_CO
UNTER_L
_6
STEP_CO
UNTER_L
_5
STEP_CO
UNTER_L
_4
STEP_CO
UNTER_L
_3
STEP_CO
UNTER_L
_2
STEP_CO
UNTER_L
_1
STEP_CO
UNTER_L
_0
Table 160. STEP_COUNTER_L register description
STEP_COUNTER_L_[7:0]
Step counter output (LSbyte)
Table 161. STEP_COUNTER_H register
STEP_CO
UNTER_H
_7
STEP_CO
UNTER_H
_6
STEP_CO
UNTER_H
_5
STEP_CO
UNTER_H
_4
STEP_CO
UNTER_H
_3
STEP_CO
UNTER_H
_2
STEP_CO
UNTER_H
_1
STEP_CO
UNTER_H
_0
Table 162. STEP_COUNTER_H register description
STEP_COUNTER_H_[7:0]
Step counter output (MSbyte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com