Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4AI Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 78Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 79Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 80Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 81Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 82Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 83Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 84Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 85Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 126 page
background image
82
AT90S/LS4433
1042H–AVR–04/03
•TXD – Port D, Bit 1
Transmit Data (Data Output pin for the UART). When the UART Transmitter is enabled,
this pin is configured as an output, regardless of the value of DDD1.
• RXD – Port D, Bit 0
Receive Data (Data Input pin for the UART). When the UART Receiver is enabled, this
pin is configured as an input, regardless of the value of DDD0. When the UART forces
this pin to be an input, a logical “1” in PORTD0 will turn on the internal pull-up.
Port D Schematics
Note that all port pins are synchronized. The synchronization latches are, however, not
shown in the figures.
Figure 57. Port D Schematic Diagram (Pin PD0)
D
D
Q
Q
RESET
RESET
C
C
WD
WP
RD
MOS
PULL-
UP
PD0
RXD
RXEN
WP:
WD:
RL:
RP:
RD:
RXD:
RXEN:
WRITE PORTD
WRITE DDRD
READ PORTD LATCH
READ PORTD PIN
READ DDRD
UART RECEIVE DATA
UART RECEIVE ENABLE
DDD0
PORTD0
RL
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com