Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4AI Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 66Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 67Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 68Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 69Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 70Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 71Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 72Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 73Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 126 page
background image
70
AT90S/LS4433
1042H–AVR–04/03
Scanning Multiple
Channels
Since change of analog channel always is delayed until a conversion is finished, the
Free Run mode can be used to scan multiple channels without interrupting the con-
verter. Typically, the ADC Conversion Complete interrupt will be used to perform the
channel shift. However, the user should take the following fact into consideration: The
interrupt triggers once the result is ready to be read. In Free Run mode, the next conver-
sion will start immediately when the interrupt triggers. If ADMUX is changed after the
interrupt triggers, the next conversion has already started and the old setting is used.
ADC Noise Canceling
Techniques
Digital circuitry inside and outside the AT90S4433 generates EMI, which might affect
the accuracy of analog measurements. If conversion accuracy is critical, the noise level
can be reduced by applying the following techniques:
1.
The analog part of the AT90S4433 and all analog components in the application
should have a separate analog ground plane on the PCB. This ground plane is
connected to the digital ground plane via a single point on the PCB.
2.
Keep analog signal paths as short as possible. Make sure analog tracks run over
the analog ground plane and keep them well away from high-speed switching
digital tracks.
3.
The AVCC pin on the AT90S4433 should be connected to the digital V
CC supply
voltage via an LC network as shown in Figure 49.
4.
Use the ADC Noise Canceler function to reduce induced noise from the CPU.
5.
If some Port C pins are used as digital outputs, it is essential that these do not
switch while a conversion is in progress.
Figure 49. ADC Power Connections
Note that since AVCC feeds the Port C output drivers, the RC network shown should not
be employed if any Port C serve as outputs.
28
27
26
25
24
23
22
21
20
19
PC5 (ADC5)
PC4 (ADC4)
PC3 (ADC3)
PC2 (ADC2)
PC1 (ADC1)
PC0 (ADC0)
AGND
AREF
AVCC
PB5
VCC
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com