Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4AI Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 64Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 65Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 66Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 67Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 68Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 69Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 70Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 71Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 126 page
background image
68
AT90S/LS4433
1042H–AVR–04/03
ADC Multiplexer Select
Register – ADMUX
• Bit 7 – Res: Reserved Bit
This bit is a reserved bit in the AT90S4433, and should be written to zero if accessed.
• Bit 6 – ADCBG: ADC Bandgap Select
When this bit is set and the BOD is enabled (BODEN Fuse is programmed), a fixed
bandgap voltage of 1.22V ± 0.1V replaces the normal input to the ADC. When this bit is
cleared, the normal input pin (as selected by MUX2..MUX0) is applied to the ADC.
• Bits 5..3 – Res: Reserved Bits
These bits are reserved bits in the AT90S4433, and should be written to zero if
accessed.
• Bits 2..0 – MUX2..MUX0: Analog Channel Select Bits 2 - 0
The value of these three bits selects which analog input 5 - 0 is connected to the ADC.
ADC Control and Status
Register – ADCSR
‘
• Bit 7 – ADEN: ADC Enable
Writing a logical “1” to this bit enables the ADC. By clearing this bit to zero, the ADC is
turned off. Turning the ADC off while a conversion is in progress will terminate this
conversion.
• Bit 6 – ADSC: ADC Start Conversion
In Single Conversion mode, a logical “1” must be written to this bit to start each conver-
sion. In Free Run mode, a logical “1” must be written to this bit to start the first
conversion. The first time ADSC has been written after the ADC has been enabled, or if
ADSC is written at the same time as the ADC is enabled, a dummy conversion will pre-
cede the initiated conversion. This dummy conversion performs initialization of the ADC.
ADSC remains high during the conversion. ADSC goes low after the conversion is com-
plete, but before the result is written to the ADC Data Registers. This allows a new
conversion to be initiated before the current conversion is complete. The new conver-
sion will then start immediately after the current conversion completes. When a dummy
conversion precedes a real conversion, ADSC will stay high until the real conversion
completes.
Writing a “0” to this bit has no effect.
Bit
7
6
543
210
$07 ($27)
–
ADCBG
–
–
–
MUX2
MUX1
MUX0
ADMUX
Read/Write
R
R/W
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7654
321
0
$06 ($26)
ADEN
ADSC
ADFR
ADIF
ADIE
ADPS2
ADPS1
ADPS0
ADCSR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com