Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4AI Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 86Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 87Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 88Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 89Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 90Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 91Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 92Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 93Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 126 page
background image
90
AT90S/LS4433
1042H–AVR–04/03
Figure 64. Programming the Flash Waveforms (Continued)
Reading the Flash
The algorithm for reading the Flash memory is as follows (refer to “Programming the
Flash” for details on command and address loading):
A: Load Command “0000 0010”.
B: Load Address High Byte ($00 - $07).
C: Load Address Low Byte ($00 - $FF).
1.
Set OE to “0”, and BS to “0”. The Flash word Low Byte can now be read at
DATA.
2.
Set BS to “1”. The Flash word High Byte can now be read from DATA.
3.
Set OE to “1”.
Programming the EEPROM
The programming algorithm for the EEPROM Data memory is as follows (refer to “Pro-
gramming the Flash” for details on command, address and data loading):
A: Load Command “0001 0001”.
B: Load Address Low Byte ($00 - $FF).
C: Load Data Low Byte ($00 - $FF).
D: Write Data Low Byte.
Reading the EEPROM
The algorithm for reading the EEPROM memory is as follows (refer to “Programming the
Flash” for details on command and address loading):
A: Load Command “0000 0011”.
B: Load Address Low Byte ($00 - $FF).
1.
Set OE to “0”, and BS to “0”. The EEPROM data byte can now be read at DATA.
2.
Set OE to “1”.
DATA HIGH
DATA
XA1
XA0
BS
XTAL1
WR
RDY/BSY
RESET
+12V
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com