Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4AI Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 19Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 20Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 21Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 22Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 23Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 24Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 25Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 26Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 126 page
background image
23
AT90S/LS4433
1042H–AVR–04/03
Note:
1. Or external Power-on Reset.
This table shows the Start-up times from Reset. From sleep, only the clock counting part
of the Start-up time is used. The Watchdog Oscillator is used for timing the Real Time
part of the Start-up time. The number WDT Oscillator cycles used for each time-out is
shown in Table 6.
The frequency of the Watchdog Oscillator is voltage dependent, as shown in the Electri-
cal Characteristics section.
Power-on Reset
A Power-on Reset (POR) pulse is generated by an On-chip Detection circuit. The detec-
tion level is nominally 2.2V. The POR is activated whenever V
CC is below the detection
level. The POR circuit can be used to trigger the Start-up Reset, as well as detect a fail-
ure in supply voltage.
The Power-on Reset (POR) circuit ensures that the device is Reset from Power-on.
Reaching the Power-on Reset threshold voltage invokes a delay counter, which deter-
mines the delay, for which the device is kept in RESET after V
CC rise. The Time-out
period of the delay counter is a combination of Internal RC Oscillator cycles and Exter-
nal Oscillator cycles, and it can be defined by the user through the CKSEL Fuses. The
eight different selections for the delay period are presented in Table 5. The RESET sig-
nal is activated again, without any delay, when the V
CC decreases to below detection
level.
Table 5. Reset Delay Selections
CKSEL
[2:0]
Start-up Time,
t
TOUT at VCC = 2.7V
Start-up Time,
t
TOUT at VCC = 5.0V
Recommended Usage
000
16 ms + 6 CK
4 ms + 6 CK
External Clock, slowly rising power
001
6 CK
6 CK
External Clock, BOD enabled(1)
010
256 ms + 16K CK
64 ms + 16K CK
Crystal Oscillator
011
16 ms + 16K CK
4 ms + 16K CK
Crystal Oscillator, fast rising power
100
16K CK
16K CK
Crystal Oscillator, BOD enabled(1)
101
256 ms + 1K CK
64 ms + 1K CK
Ceramic Resonator
110
16 ms + 1K CK
4 ms + 1K CK
Ceramic Resonator, fast rising power
111
1K CK
1K CK
Ceramic Resonator, BOD enabled(1)
Table 6. Number of Watchdog Oscillator Cycles
Time-out
Number of Cycles
4.0 ms (at VCC = 5.0V)
4K
64 ms (at V
CC = 5.0V)
64K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com