Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4AI Datasheet(PDF) 98 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 98 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 94Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 95Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 96Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 97Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 98Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 99Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 100Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 101Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 102Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 126 page
background image
98
AT90S/LS4433
1042H–AVR–04/03
Electrical Characteristics
Absolute Maximum Ratings*
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150
°C
Voltage on Any Pin except RESET
with Respect to Ground .............................-1.0V to VCC + 0.5V
Voltage on RESET with Respect to Ground ....-1.0V to +13.0V
Maximum Operating Voltage ............................................ 6.6V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current VCC and GND Pins ............................... 300.0 mA
DC Characteristics
T
A = -40°C to 85°C, VCC = 2.7V to 6.0V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IL
Input Low Voltage
Except (XTAL, RESET)
-0.5
0.3 V
CC
(1)
V
V
IL1
Input Low Voltage
XTAL
-0.5
0.2 V
CC
(1)
V
RESET
V
IH
Input High Voltage
Except (XTAL, RESET)
0.7 V
CC
(2)
V
CC + 0.5
V
VIH1
Input High Voltage
XTAL
0.7 VCC
(2)
VCC + 0.5
V
V
IH2
Input High Voltage
RESET
0.85 V
CC
(2)
V
CC + 0.5
V
VOL
Output Low Voltage(3)
(Ports B, C, D)
I
OL = 20 mA, VCC = 5V
I
OL = 10 mA, VCC = 3V
0.6
0.5
V
VOH
Output High Voltage(4)
(Ports B, C, D)
I
OH = -3 mA, VCC = 5V
I
OH = -1.5 mA, VCC = 3V
4.3
2.2
V
I
IL
Input Leakage
Current I/O pin
V
CC = 6V, pin = low
(absolute value)
8.0
µA
IIH
Input Leakage
Current I/O pin
VCC = 6V, pin = high
(absolute value)
8.0
µA
RRST
Reset Pull-up
100.0
500.0
k
Ω
R
I/O
I/O Pin Pull-up Resistor
35.0
120.0
k
Ω
ICC
Power Supply Current
Active 4 MHz, V
CC = 3V
5.0
mA
Idle 4 MHz, VCC = 3V
2.0
mA
Power-down, V
CC = 3V
WDT enabled
(5)
20.0
µA
Power-down, VCC = 3V
WDT disabled(5)
10.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com