Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4AI Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 38Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 39Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 40Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 41Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 42Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 43Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 44Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 45Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 126 page
background image
42
AT90S/LS4433
1042H–AVR–04/03
Note that in the PWM mode, the ten least significant OCR1 bits, when written, are trans-
ferred to a temporary location. They are latched when Timer/Counter1 reaches TOP.
This prevents the occurrence of odd-length PWM pulses (glitches) in the event of an
unsynchronized OCR1 write. See Figure 34 for an example.
Figure 34. Effects on Unsynchronized OCR1 Latching
During the time between the write and the latch operation, a read from OCR1 will read
the contents of the temporary location. This means that the most recently written value
always will read out of OCR1.
When OCR1 contains $0000 or TOP, the output OC1 is updated to low or high on the
next compare match according to the settings of COM11 and COM10. This is shown in
Table 15.
In PWM mode, the Timer Overflow Flag1 (TOV1) is set when the counter changes direc-
tion at $0000. Timer Overflow Interrupt1 operates exactly as in normal Timer/Counter
mode, i.e., it is executed when TOV1 is set, provided that Timer Overflow Interrupt1 and
global interrupts are enabled. This also applies to the Timer Output Compare1 Flag and
interrupt.
Table 14. Compare1 Mode Select in PWM Mode
COM11
COM10
Effect on OC1
0
0
Not connected
0
1
Not connected
10
Cleared on compare match, up-counting. Set on compare match, down-
counting (non-inverted PWM).
11
Cleared on compare match, down-counting. Set on compare match, up-
counting (inverted PWM).
Table 15. PWM Outputs OCR = $0000 or TOP
COM11
COM10
OCR1
Output OC1
1
0
$0000
L
10
TOP
H
1
1
$0000
H
11
TOP
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com