Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4AI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT90LS4433-4AI Datasheet HTML 1Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 2Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 3Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 4Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 5Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 6Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 7Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 8Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 126 page
background image
5
AT90S/LS4433
1042H–AVR–04/03
Pin Descriptions
VCC
Supply voltage.
GND
Ground.
Port B (PB5..PB0)
Port B is a 6-bit bi-directional I/O port with internal pull-up resistors. The Port B output
buffers can sink 20 mA. As inputs, Port B pins that are externally pulled low will source
current if the pull-up resistors are activated.
Port B also serves the functions of various special features of the AT90S4433 as listed
on page 73.
The Port B pins are tri-stated when a reset condition becomes active, even if the clock is
not running.
Port C (PC5..PC0)
Port C is a 6-bit bi-directional I/O port with internal pull-up resistors. The Port C output
buffers can sink 20 mA. As inputs, Port C pins that are externally pulled low will source
current if the pull-up resistors are activated. Port C also serves as the analog inputs to
the A/D Converter.
The Port C pins are tri-stated when a reset condition becomes active, even if the clock is
not running.
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors. The Port D output
buffers can sink 20 mA. As inputs, Port D pins that are externally pulled low will source
current if the pull-up resistors are activated.
Port D also serves the functions of various special features of the AT90S4433 as listed
on page 81.
The Port D pins are tri-stated when a reset condition becomes active, even if the clock is
not running.
RESET
Reset input. An External Reset is generated by a low level on the RESET pin. Reset
pulses longer than 50 ns will generate a reset, even if the clock is not running. Shorter
pulses are not guaranteed to generate a reset.
XTAL1
Input to the inverting oscillator amplifier and input to the internal clock operating circuit
XTAL2
Output from the inverting oscillator amplifier
AVCC
AVCC is the supply voltage for Port A and the A/D Converter. If the ADC is not used,
this pin must be connected to V
CC. If the ADC is used, this pin should be connected to
V
CC via a low-pass filter. See page 64 for details on operation of the ADC.
AREF
AREF is the analog reference input for the A/D Converter. For ADC operations, a volt-
age in the range 2.0V to AVCC must be applied to this pin.
AGND
If the board has a separate analog ground plane, this pin should be connected to this
ground plane. Otherwise, connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com