Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4AI Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 60Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 61Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 62Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 63Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 64Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 65Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 66Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 67Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 126 page
background image
64
AT90S/LS4433
1042H–AVR–04/03
Analog-to-Digital
Converter
Features
• 10-bit Resolution
• ±2 LSB Absolute Accuracy
• 0.5 LSB Integral Non-linearity
• 65 - 260 µs Conversion Time
• Up to 15 kSPS
• Six Multiplexed Input Channels
• Rail-to-Rail Input Range
• Free Run or Single Conversion Mode
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Canceler
The AT90S4433 features a 10-bit successive approximation ADC. The ADC is con-
nected to a 6-channel Analog Multiplexer, which allows each pin of Port C to be used as
an input for the ADC. The ADC contains a Sample and Hold Amplifier, which ensures
that the input voltage to the ADC is held at a constant level during conversion. A block
diagram of the ADC is shown in Figure 44.
The ADC has two separate analog supply voltage pins: AVCC and AGND. AGND must
be connected to GND, and the voltage on AVCC must not differ from V
CC more than
±0.3V. See the section “ADC Noise Canceling Techniques” on page 70 for how to con-
nect these pins.
An external reference voltage must be applied to the AREF pin. This voltage must be in
the range 2.0 - AVCC.
Figure 44. Analog-to-Digital Converter Block Schematic
ADC CONVERSION
COMPLETE IRQ
8-BIT DATA BUS
90
ADC MULTIPLEXER
SELECT (ADMUX)
ADC CTRL & STATUS
REGISTER (ADCSR)
ADC DATA REGISTER
(ADCH/ADCL)
6-
CHANNEL
MUX
CONVERSION LOGIC
10-BIT DAC
+
-
SAMPLE & HOLD
COMPARATOR
Analog
Inputs
External
Reference
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com