Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4AI Datasheet(PDF) 116 Page - ATMEL Corporation

Part # AT90LS4433-4AI
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4AI Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button AT90LS4433-4AI Datasheet HTML 112Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 113Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 114Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 115Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 116Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 117Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 118Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 119Page - ATMEL Corporation AT90LS4433-4AI Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 126 page
background image
116
AT90S/LS4433
1042H–AVR–04/03
Ordering Information
Power Supply
Speed (MHz)
Ordering Code
Package
Operation Range
2.7 - 6.0V
4
AT90LS4433-4AC
AT90LS4433-4PC
32A
28P3
Commercial
(0°C to 70°C)
AT90LS4433-4AI
AT90LS4433-4PI
32A
28P3
Industrial
(-40°C to 85°C)
4.0 - 6.0V
8
AT90S4433-8AC
AT90S4433-8PC
32A
28P3
Commercial
(0°C to 70°C)
AT90S4433-8AI
AT90S4433-8PI
32A
28P3
Industrial
(-40°C to 85°C)
Package Type
32A
32-lead, Thin (1.0 mm) Plastic Quad Flat Package (TQFP)
28P3
28-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com