Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796 Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88796
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796 Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88796 Datasheet HTML 13Page - ASIX Electronics Corporation AX88796 Datasheet HTML 14Page - ASIX Electronics Corporation AX88796 Datasheet HTML 15Page - ASIX Electronics Corporation AX88796 Datasheet HTML 16Page - ASIX Electronics Corporation AX88796 Datasheet HTML 17Page - ASIX Electronics Corporation AX88796 Datasheet HTML 18Page - ASIX Electronics Corporation AX88796 Datasheet HTML 19Page - ASIX Electronics Corporation AX88796 Datasheet HTML 20Page - ASIX Electronics Corporation AX88796 Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
ASIX ELECTRONICS CORPORATION
17
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
73, 82
VSSA
P
55, 68,
72, 75, 85,
Power Supply for Analog Circuit: +0V DC or Ground Power.
VDDM
P
76
Powers the analog block around the transmit/receive area. This should
be connected to VDDA: +3.3V DC.
VSSM
P
77, 93
Powers the analog block around the transmit/receive area. This should
be connected to VSSA: +0V DC or Ground Power.
VDDPD
P
78
The Phase Detector (or PLL) power. This should be isolated with other
power: +3.3V DC.
VSSPD
P
81
The Phase Detector (or PLL) power. This should be isolated with other
power: +0V DC or Ground.
VDDO
P
91
Power Supply for Transceiver Output Driver: +3.3V DC.
VSSO
P
86, 89, 90
Power Supply for Transceiver Output Driver: +0V DC or Ground.
Tab - 8 Miscellaneous pins group
2.9 Power on configuration setup signals cross reference table
Signal Name
Share with
Description
/SPP_SET
MDC
Standard Printer Port Selection:
/SPP_SET = 0 : Standard Printer Port or GPIO is selected
/SPP_SET = 1 : MII port is selected (default)
PPD_SET
EECK
PPD_SET = 0 : Internal PHY in normal mode. (default)
PPD_SET = 1 : Internal PHY in power down mode.
Tab - 9 Power on Configuration Setup Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com