Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796 Datasheet(PDF) 65 Page - ASIX Electronics Corporation

Part # AX88796
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796 Datasheet(HTML) 65 Page - ASIX Electronics Corporation

Back Button AX88796 Datasheet HTML 61Page - ASIX Electronics Corporation AX88796 Datasheet HTML 62Page - ASIX Electronics Corporation AX88796 Datasheet HTML 63Page - ASIX Electronics Corporation AX88796 Datasheet HTML 64Page - ASIX Electronics Corporation AX88796 Datasheet HTML 65Page - ASIX Electronics Corporation AX88796 Datasheet HTML 66Page - ASIX Electronics Corporation AX88796 Datasheet HTML 67Page - ASIX Electronics Corporation AX88796 Datasheet HTML 68Page - ASIX Electronics Corporation AX88796 Datasheet HTML 69Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
ASIX ELECTRONICS CORPORATION
65
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
Errata of AX88796
1. MII Station Management functions has some defference from previous target
specification.
Description: The target specification is using station management can access both
internal PHY registers and external PHY registers when the PHY address is matched
as describe in section 5.5. Anyway, this version can only access the current selected
PHY’s registers. How do you know which is the selected media or PHY? Please refer
to section 4.1.16 GPO and Control (GPOC) register.
Solution: The defect will not affect single media application that is using embedded
PHY. When using MII interface connects to external media (for example HomePNA)
to come out with combo solution. Care must be taken, be sure which media is the
current selected when you access PHY registers.
2. AX88796 can’t support 68K CPU with byte mode
Solution: Please using word mode for high performance. MC68008 has only 8-bit bus, so
AX88796 can’t support this CPU.
3. When AX88796 transmit a packet and the packet is collided for 16 times. The packet
will be reported as as PTX bit asserted rather than TXE asserted.
Solution: Packet collided 16 times and aborted is normal way, even that is rare happen
in live network, in very heavy traffic. While the upper protocol layer will handle the
situation and cover the packet loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com