Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796 Datasheet(PDF) 61 Page - ASIX Electronics Corporation

Part # AX88796
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796 Datasheet(HTML) 61 Page - ASIX Electronics Corporation

Back Button AX88796 Datasheet HTML 57Page - ASIX Electronics Corporation AX88796 Datasheet HTML 58Page - ASIX Electronics Corporation AX88796 Datasheet HTML 59Page - ASIX Electronics Corporation AX88796 Datasheet HTML 60Page - ASIX Electronics Corporation AX88796 Datasheet HTML 61Page - ASIX Electronics Corporation AX88796 Datasheet HTML 62Page - ASIX Electronics Corporation AX88796 Datasheet HTML 63Page - ASIX Electronics Corporation AX88796 Datasheet HTML 64Page - ASIX Electronics Corporation AX88796 Datasheet HTML 65Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
ASIX ELECTRONICS CORPORATION
61
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
7.4.7 MII Timing
Ttclk
Ttch
Ttcl
TXCLK
Ttv
Tth
TXD<3:0>
TXEN
Trclk
Trch
Trcl
RXCLK
Trs
Trh
RXD<3:0>
RXDV
Trs1
RXER
Symbol
Description
Min
Typ.
Max
Units
Ttclk
Cycle time(100Mbps)
-
40
-
ns
Ttclk
Cycle time(10Mbps)
-
400
-
ns
Ttch
high time(100Mbps)
14
-
26
ns
Ttch
high time(10Mbps)
140
-
260
ns
Trch
low time(100Mbps)
14
-
26
ns
Trch
low time(10Mbps)
140
-
260
ns
Ttv
Clock to data valid
-
-
20
ns
Tth
Data output hold time
5
-
-
ns
Trclk
Cycle time(100Mbps)
-
40
-
ns
Trclk
Cycle time(10Mbps)
-
400
-
ns
Trch
high time(100Mbps)
14
-
26
ns
Trch
high time(10Mbps)
140
-
260
ns
Trcl
low time(100Mbps)
14
-
26
ns
Trcl
low time(10Mbps)
140
-
260
ns
Trs
data setup time
6
-
-
ns
Trh
data hold time
10
-
-
ns
Trs1
RXER data setup time
10
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com