Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796 Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88796
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796 Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88796 Datasheet HTML 21Page - ASIX Electronics Corporation AX88796 Datasheet HTML 22Page - ASIX Electronics Corporation AX88796 Datasheet HTML 23Page - ASIX Electronics Corporation AX88796 Datasheet HTML 24Page - ASIX Electronics Corporation AX88796 Datasheet HTML 25Page - ASIX Electronics Corporation AX88796 Datasheet HTML 26Page - ASIX Electronics Corporation AX88796 Datasheet HTML 27Page - ASIX Electronics Corporation AX88796 Datasheet HTML 28Page - ASIX Electronics Corporation AX88796 Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
ASIX ELECTRONICS CORPORATION
25
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
bedone.
END OF PACKET OPERATIONS
At the end of the packet the AX88796 determines whether the received packet is to be accepted or rejected. It
either branches to a routine to store the Buffer Header or to another routine that recovers the buffers used to store
the packet.
SUCCESSFUL RECEPTION
If the packet is successfully received as shown, the DMA is restored to the first buffer used to store the packet
(pointed to by the Current Page Register). The DMA then stores the Receive Status, a Pointer to where the next
packet will be stored and the number of received bytes. Note that the remaining bytes in the last buffer are
discarded and reception of the next packet begins on the next empty 256 byte buffer boundary. The Current Page
Register is then initialized to the next available buffer in the Buffer Ring. (The location of the next buffer had
been previously calculated and temporarily stored in an internal scratchpad register.)
BUFFER RECOVERY FOR REJECTED PACKETS
If the packet is a runt packet or contains CRC or Frame Alignment errors, it is rejected. The buffer management
logic resets the DMA back to the first buffer page used to store the packet (pointed to by CPR), recovering all
buffers that had been used to store the rejected packet. This operation will not be performed if the AX88796 is
programmed to accept either runt packets or packets with CRC or Frame Alignment errors. The received CRC
is always stored in buffer memory after the last byte of received data for the packet.
Error Recovery
If the packet is rejected as shown, the DMA is restored by the AX88796 by reprogramming the DMA starting
address pointed to by the Current Page Register.
4.2.2 Packet Transmision
The Local DMA Read is also used during transmission of a packet. Three registers control the DMA transfer
during transmission, a Transmit Page Start Address Register (TPSR) and the Transmit Byte Count Registers
(TBCR0,1). When the AX88796 receives a command to transmit the packet pointed to by these registers, buffer
memory data will be moved into the FIFO as required during transmission. The AX88796 Controller will
generate and append the preamble, synch and CRC fields.
TRANSMIT PACKET ASSEMBLY
The AX88796 requires a contiguous assembled packet with the format shown. The transmit byte count includes
the Destination Address, Source Address, Length Field and Data. It does not include preamble and CRC. When
transmitting data smaller than 46 bytes, the packet must be padded to a minimum size of 64 bytes. The
programmer is responsible for adding and stripping pad bytes. The packets are placed in the buffer RAM by the
system. System programs the AX88796 Core's Remote DMA to move the data from the data port to the RAM
handshaking with system transfers loading the I/O data port.
The data transfer must be 16 bits (1 word) when in 16-bit mode, and 8 bits when the AX88796 Controller is set
in 8-bit mode. The data width is selected by setting the WTS bit in the Data Configuration Register and setting
the CPU[1:0] pins for ISA, 80186 or MC68K mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com