Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796 Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88796
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796 Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88796 Datasheet HTML 14Page - ASIX Electronics Corporation AX88796 Datasheet HTML 15Page - ASIX Electronics Corporation AX88796 Datasheet HTML 16Page - ASIX Electronics Corporation AX88796 Datasheet HTML 17Page - ASIX Electronics Corporation AX88796 Datasheet HTML 18Page - ASIX Electronics Corporation AX88796 Datasheet HTML 19Page - ASIX Electronics Corporation AX88796 Datasheet HTML 20Page - ASIX Electronics Corporation AX88796 Datasheet HTML 21Page - ASIX Electronics Corporation AX88796 Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
ASIX ELECTRONICS CORPORATION
18
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
3.0 Memory and I/O Mapping
There are three memories or I/O mapping used in AX88796.
1.
EEPROM Memory Mapping
2.
I/O Mapping
3.
Local Memory Mapping
3.1 EEPROM Memory Mapping
User can define by them and can access via I/O address offset 14H MII/EEPROM registers.
The contants of EEPROM will not be loading to any registers automaticlly.
3.2 I/O Mapping
SYSTEM I/O OFFSET
FUNCTION
0000H
001FH
MAC CORE REGISTER
Tab - 10 I/O Address Mapping
3.3 SRAM Memory Mapping
OFFSET
FUNCTION
0000H
3FFFH
RESERVED
4000H
7FFF
NE2000 COMPATABLE MODE
8K X 16 SRAM BUFFER
8000H
FFFFH
RESERVED
Tab - 11 Local Memory Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com