Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796 Datasheet(PDF) 66 Page - ASIX Electronics Corporation

Part # AX88796
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796 Datasheet(HTML) 66 Page - ASIX Electronics Corporation

Back Button AX88796 Datasheet HTML 62Page - ASIX Electronics Corporation AX88796 Datasheet HTML 63Page - ASIX Electronics Corporation AX88796 Datasheet HTML 64Page - ASIX Electronics Corporation AX88796 Datasheet HTML 65Page - ASIX Electronics Corporation AX88796 Datasheet HTML 66Page - ASIX Electronics Corporation AX88796 Datasheet HTML 67Page - ASIX Electronics Corporation AX88796 Datasheet HTML 68Page - ASIX Electronics Corporation AX88796 Datasheet HTML 69Page - ASIX Electronics Corporation AX88796 Datasheet HTML 70Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 71 page
background image
ASIX ELECTRONICS CORPORATION
66
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
Demonstration Circuit (A) : AX88796 with ISA Bus + HomePNA 1M8 PHY
SA6
IOIS16#
C26
0.1u
SD7
SA9
IRQ11
5V
+
C54
47u/16v
DIP 100mil & SMD 1206
+
C60
47u/16v
DIP 100mil & SMD1206
GND
AEN
AX88796 10BASE-T/100BASE-TX & 1M HomePNA Application with NS83851 PHYceiver.
(reference only)(ISA Mode)
SA0
+
C52
47u/16v
DIP 100mil & SMD 1206
GND
SD1
C53
0.1u
SD5
SD15
SD9
IRQ7
IRQ
SD10
GND
GND
5V
RESET
GND
5V
SA4
SA3
IRQ12
IOWR#
IRQ5
RESET
SD4
IOWR#
SD[8..15]
SD6
IRQ7
SD[0..15]
IRQ
IOWR#
U1
AMS1117
SOT-223
1
2
3
4
ADJ/GND
OUT
IN
OUT
IRQ3
C59
0.1u
SD[0..7]]
SA[0..9]
SD3
IORD#
JP2 is setting IRQ
SA[0..9]
GND
C55
0.1u
RDY
IRQ12
SA8
IOIS16#
SA2
3.3V
C18
0.1u
SD[0..15]
SD2
AEN
IORD#
BHE#
3.3V
JP2
10PIN JUMP
1
3
5
7
9
2
4
6
8
10
RDY
IOIS16#
SA7
SA[0..9]
SA1
SD8
5V
BHE#
+ C17
47u/16v
DIP 100mil & SMD 1206
SD13
3.3V
IRQ5
+ C23
47u/16v
DIP 100mil & SMD 1206
IRQ3
SA5
IRQ
RDY
SD11
BHE#
SD0
SD14
AEN
GND
ISA1
ISA
16Bit ISA SLOT
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
A24
A25
A26
A27
A28
A29
A30
A31
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
C17
C18
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
B21
B22
B23
B24
B25
B26
B27
B28
B29
B30
B31
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D12
D13
D14
D15
D16
D17
D18
D10
IOCHK#
D<7>
D<6>
D<5>
D<4>
D<3>
D<2>
D<1>
D<0>
CHRDY
AEN
SA<19>
SA<18>
SA<17>
SA<16>
SA<15>
SA<14>
SA<13>
SA<12>
SA<11>
SA<10
SA<9>
SA<8>
SA<7>
SA<6>
SA<5>
SA<4>
SA<3>
SA<2>
SA<1>
SA<0>
SBHE#
LA<23>
LA<22>
LA<21>
LA<20>
LA<19>
LA<18>
LA<17>
MRDC#
MWTC#
D<8>
D<9>
D<10>
D<11>
D<12>
D<13>
D<14>
D<15>
GND
RESDRV
+5V
IRQ<9>
-5V
DRQ<2>
-12V
NOWS#
+12V
GND
SMWTC#
SMRDC
LOWC#
LORC#
DAK<3>#
DRQ<3>
DAK<1>#
DRQ<1>
REFRSH#
BCLK
IRQ<7>
IRQ<6>
IRQ<5>
IRQ<4>
IRQ<3>
DAK<2>#
T/C
BALE
+5V
OSC
GND
M16#
IO16#
IRQ<10>
IRQ<11>
IRQ<12>
IRQ<13>
IRQ<14>
DAK<0>#
DRQ<0>
DRQ<5>
DAK<6>#
DRQ<6>
DAK<7>#
DRQ<7>
+5V
MASTER16#
GND
DAK<5>#
IORD#
3.3V
SD12
IRQ11
RESET
796NS3A.SCH
2.0
ISA BUS
ASIX ELECTRONIC CORPORATION
A4
1
4
Thursday, April 19, 2001
Title
Size
Document Number
Rev
Date:
Sheet
of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com