Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796 Datasheet(PDF) 50 Page - ASIX Electronics Corporation

Part # AX88796
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796 Datasheet(HTML) 50 Page - ASIX Electronics Corporation

Back Button AX88796 Datasheet HTML 46Page - ASIX Electronics Corporation AX88796 Datasheet HTML 47Page - ASIX Electronics Corporation AX88796 Datasheet HTML 48Page - ASIX Electronics Corporation AX88796 Datasheet HTML 49Page - ASIX Electronics Corporation AX88796 Datasheet HTML 50Page - ASIX Electronics Corporation AX88796 Datasheet HTML 51Page - ASIX Electronics Corporation AX88796 Datasheet HTML 52Page - ASIX Electronics Corporation AX88796 Datasheet HTML 53Page - ASIX Electronics Corporation AX88796 Datasheet HTML 54Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
ASIX ELECTRONICS CORPORATION
50
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
5.2.17 MR31 –Device-Specific Register 4 (Quick Status) Bit Descriptions
FIELD
TYPE
DESCRIPTION
31.15 (ERROR)
R
Receiver Error. When this bit is a 1, it indicates that a receive error has been
detected. This bit is valid in 100Mbits/s only. This bit will remain set until
cleared by reading the register. Default is a 0.
31.14
(RXERR_ST)/(LINK_ST
AT_CHANGE)
R
False Carrier. When bit [31.7] is set to 0 and this bit is a 1, it indicates that the
carrier detect state machine has found a false carrier. This bit is valid in
100Mbits/s only. This bit will remain set until cleared by reading the register.
Default is 0.
Link Status Change. When bit [31.7] is set to a 1, this bit is redefined to become
the LINK_STAT_CHANGE bit and goes high whenever there is a change in link
status (bit [31.11] changes state)
31.13 (REM_FLT)
R
Remote Fault. When this bit is a 1, it indicates a remote fault has been detected.
This bit will remain set until cleared by reading the register. Default is a 0.
31.12
(UNLOCKED)/(JABBE
R)
R
Unlocked/Jabber. If this bit is set when operating in 100Mbits/s mode, it
indicates that the TX descrambler has lost lock. If this bit is set when operating
in 10Mbits/s mode, it indicates a jabber condition has been detected. This bit will
remain set until cleared by reading the register.
31.11 (LSTAT_OK)
R
Link Status. When this bit is a 1, it indicates a valid link has been established.
This bit has a latching low function: a link failure will cause the bit to clear and
stay cleared until it has been read via the management interface.
31.10 (PAUSE)
R
Link Partner Pause. When this bit is set to a 1, it indicates that the
LU3X54FTL wishes to exchange flow control information.
31.9 (SPEED100)
R
Link Speed. When this bit is set to a 1, it indicates that the link has negotiated to
100Mbits/s. When this bit is a 0, it indicates that the link is operating at
10Mbits/s.
31.8 (FULL_DUP)
R
Duplex Mode. When this bit is set to a 1, it indicates that the link has negotiated
to full-duplex mode. When this bit is a 0, it indicates that the link has negotiated
to half-duplex mode.
31.7 (INT_CONF)
R/W
Interrupt Configuration. When this bit is set to a 0, it defines bit [31.14] to be
the RXERR_ST bit and the interrupt pin (MASK_STAT_INT) goes high
whenever any of bits [31.15:12] go high, or bit [31.11] goes low. When this bit is
set high, it redefines bit [31.14] to become the LINK_STAT_CHANGE bit, and
the interrupt pin (MASK_STAT_INT) goes high only when the link status
changes (bit [31.14] goes high). This bit defaults to 0.
31.6 (INT_MASK)
R/W
Interrupt Mask. When set high, no interrupt is generated by this channel under
any condition. When set low, interrupts are generated according to bit [31.7].
31.5:3
(LOW_AUTO__STATE)
R
Lowest Autonegotiation State. These 3 bits report the state of the lowest
autonegotiation state reached since the last register read, in the priority order
defined below:
000: Autonegotiation enable.
001: Transmit disables or ability detects.
010: Link status check.
011: Acknowledge detects.
100: Complete acknowledges.
101: FLP link good check.
110: Next page wait.
111: FLP link good.
31.2:0
(HI_AUTO_STATE)
R
Highest Autonegotiation State. These 3 bits report the state of the highest
autonegotiation state reached since the last register read, as defined above for bit
[31.5:3].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com