Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796 Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX88796
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796 Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX88796 Datasheet HTML 29Page - ASIX Electronics Corporation AX88796 Datasheet HTML 30Page - ASIX Electronics Corporation AX88796 Datasheet HTML 31Page - ASIX Electronics Corporation AX88796 Datasheet HTML 32Page - ASIX Electronics Corporation AX88796 Datasheet HTML 33Page - ASIX Electronics Corporation AX88796 Datasheet HTML 34Page - ASIX Electronics Corporation AX88796 Datasheet HTML 35Page - ASIX Electronics Corporation AX88796 Datasheet HTML 36Page - ASIX Electronics Corporation AX88796 Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
ASIX ELECTRONICS CORPORATION
33
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
PAGE 1 (PS1=0,PS0=1)
OFFSET
READ
WRITE
00H
Command Register
( CR )
Command Register
( CR )
01H
Physical Address Register 0
( PARA0 )
Physical Address Register 0
( PAR0 )
02H
Physical Address Register 1
( PARA1 )
Physical Address Register 1
( PAR1 )
03H
Physical Address Register 2
( PARA2 )
Physical Address Register 2
( PAR2 )
04H
Physical Address Register 3
( PARA3 )
Physical Address Register 3
( PAR3 )
05H
Physical Address Register 4
( PARA4 )
Physical Address Register 4
( PAR4 )
06H
Physical Address Register 5
( PARA5 )
Physical Address Register 5
( PAR5 )
07H
Current Page Register
( CPR )
Current Page Register
( CPR )
08H
Multicast Address Register 0
( MAR0 )
Multicast Address Register 0
( MAR0 )
09H
Multicast Address Register 1
( MAR1 )
Multicast Address Register 1
( MAR1 )
0AH
Multicast Address Register 2
( MAR2 )
Multicast Address Register 2
( MAR2 )
0BH
Multicast Address Register 3
( MAR3 )
Multicast Address Register 3
( MAR3 )
0CH
Multicast Address Register 4
( MAR4 )
Multicast Address Register 4
( MAR4 )
0DH
Multicast Address Register 5
( MAR5 )
Multicast Address Register 5
( MAR5 )
0EH
Multicast Address Register 6
( MAR6 )
Multicast Address Register 6
( MAR6 )
0FH
Multicast Address Register 7
( MAR7 )
Multicast Address Register 7
( MAR7 )
10H, 11H
Data Port
Data Port
12H
Inter-frame Gap Segment 1
IFGS1
Inter-frame Gap Segment 1
IFGS1
13H
Inter-frame Gap Segment 2
IFGS2
Inter-frame Gap Segment 2
IFGS2
14H
MII/EEPROM Access
MII/EEPROM Access
15H
Test Register
Test Register
16H
Inter-frame Gap (IFG)
Inter-frame Gap (IFG)
17H
GPI
GPOC
18H - 1AH
Standard Printer Port (SPP)
Standard Printer Port (SPP)
1BH - 1EH
Reserved
Reserved
1FH
Reset
Reserved
Tab - 13 Page 1 of MAC Core Registers Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com