Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796 Datasheet(PDF) 46 Page - ASIX Electronics Corporation

Part # AX88796
Description  3-in-1 Local Bus Fast Ethernet Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796 Datasheet(HTML) 46 Page - ASIX Electronics Corporation

Back Button AX88796 Datasheet HTML 42Page - ASIX Electronics Corporation AX88796 Datasheet HTML 43Page - ASIX Electronics Corporation AX88796 Datasheet HTML 44Page - ASIX Electronics Corporation AX88796 Datasheet HTML 45Page - ASIX Electronics Corporation AX88796 Datasheet HTML 46Page - ASIX Electronics Corporation AX88796 Datasheet HTML 47Page - ASIX Electronics Corporation AX88796 Datasheet HTML 48Page - ASIX Electronics Corporation AX88796 Datasheet HTML 49Page - ASIX Electronics Corporation AX88796 Datasheet HTML 50Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
ASIX ELECTRONICS CORPORATION
46
AX88796 L
3-in-1 Local Bus Fast Ethernet Controller
5.2.10 MR17 –Autonegotiation Register A Bit Descriptions
FIELD
TYPE
DESCRIPTION
17.15-13
R
Reserved. Always 0.
17.12
R
Next Page Wait.
17.11
R
Wait Link_Fail_Inhibit_Wait_Timer (Link Status Check).
17.10
R
Wait Autoneg_Wait_Timer (Link Status Check).
17.9
R
Wait Break_Link_Timer (Transmit Disable).
17.8
R
Parallel Detection Fault.
17.7
R
Autonegotiation Enable.
17.6
R
FLP Link Good Check.
17.5
R
Complete Acknowledge.
17.4
R
Acknowledge Detect.
17.3
R
FLP Link Good.
17.2
R
Link Status Check.
17.1
R
Ability Detect.
17.0
R
Transmit Disable.
5.2.11 MR18 –Autonegotiation Register B Bit Descriptions
FIELD
TYPE
DESCRIPTION
18.15
R
Receiving FLPs. Any of FLP Capture, Clock, Data_0, or Data_1 (FLP
Rcv).
18.14
R
FLP Pass (FLP Rcv).
18.13
R
Link Pulse Count (FLP Rcv).
18.12
R
Link Pulse Detect (FLP Rcv).
18.11
R
Test Pass (NLP Rcv).
18.10
R
Test Fail Count (NLP Rcv).
18.9
R
Test Fail Extend (NLP Rcv).
18.8
R
Wait Max Timer Ack (NLP Rcv).
18.7
R
Detect Freeze (NLP Rcv).
18.6
R
Test Fail (NLP Rcv).
18.5
R
Transmit Count Ack (FLP Xmit).
18.4
R
Transmit Data Bit (FLP Xmit).
18.3
R
Transmit Clock Bit (FLP Xmit).
18.2
R
Transmit ability (FLP Xmit).
18.1
R
Transmit Remaining Acknowledge (FLP Xmit).
18.0
R
Idle (FLP Xmit).
5.2.12 MR20 –User Defined Register Bit Descriptions
FIELD
TYPE
DESCRIPTION
20.[15:0]
R/W
The data written into this user-defined register appears on the
REG20_OUT[15:0] bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com