Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8450ASTZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD8450ASTZ
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450ASTZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8450ASTZ Datasheet HTML 27Page - Analog Devices AD8450ASTZ Datasheet HTML 28Page - Analog Devices AD8450ASTZ Datasheet HTML 29Page - Analog Devices AD8450ASTZ Datasheet HTML 30Page - Analog Devices AD8450ASTZ Datasheet HTML 31Page - Analog Devices AD8450ASTZ Datasheet HTML 32Page - Analog Devices AD8450ASTZ Datasheet HTML 33Page - Analog Devices AD8450ASTZ Datasheet HTML 34Page - Analog Devices AD8450ASTZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
Data Sheet
AD8450
Rev. B | Page 31 of 41
Current Sensors
Two common options for current sensors are isolated current
sensing transducers and shunt resistors. Isolated current sensing
transducers are galvanically isolated from the power converter
and are affected less by the high frequency noise generated by
switch mode power supplies. Shunt resistors are less expensive
and easier to deploy.
If a shunt resistor sensor is used, a 4-terminal, low resistance shunt
resistor is recommended. Two of the four terminals conduct the
battery current, whereas the other two terminals conduct virtually
no current. The terminals that conduct no current are sense
terminals that are used to measure the voltage drop across the
resistor (and, therefore, the current flowing through it) using an
amplifier such as the PGIA of the AD8450. To interface the PGIA
with the current sensor, connect the sense terminals of the sensor
to the ISVP and ISVN pins of the AD8450 (see Figure 60).
Optional Low-Pass Filter
The AD8450 is designed to control both linear regulators and
switching power converters. Linear regulators are generally
noise free, whereas switch mode power converters generate
switching noise. Connecting an external differential low-pass
filter between the current sensor and the PGIA inputs reduces
the injection of switching noise into the PGIA (see Figure 60).
ISVP
ISVN
+
–
+
RGn
LPF
RGP
RGN
ISGPx
ISGNx
–
–
+
DUT
20kΩ
20kΩ
10kΩ
10kΩ
10kΩ
10kΩ
RFBP
RFBN
Figure 60. 4-Terminal Shunt Resistor Connected to the Current Sense PGIA
PGDA CONNECTIONS
For a description of the PGDA, see the Theory of Operation
section, Figure 49, and Figure 52. The internal gains of the
PGDA (0.2, 0.27, 0.4, and 0.8) are selected by connecting the
appropriate input pair to the battery terminals (see Table 6).
Table 6. PGDA Gain Connections
PGDA
Gain
Connect Battery
Positive Terminal to
Connect Battery
Negative Terminal to
0.8
BVP0 (Pin 25)
BVN0 (Pin 31)
0.4
BVP1 (Pin 24)
BVN1 (Pin 32)
0.27
BVP2 (Pin 23)
BVN2 (Pin 33)
0.2
BVP3 (Pin 22)
BVN3 (Pin 34)
Set the PGDA gain value to attenuate the voltage of up to four 5 V
battery cells in series to a full-scale voltage of 4 V. For example, a
5 V battery voltage is attenuated to 4 V using the gain of 0.8, and
a 20 V battery voltage (four 5 V batteries in series) is attenuated
to 4 V using the gain of 0.2. This voltage scaling enables the use of
a 5 V ADC to read the battery voltage at the BVMEA output pin.
Reverse Battery Conditions
The output voltage of the AD8450 PGDA can be used to detect
a reverse battery connection. A −5 V rail for AVEE allows the
output of the PGDA to go below ground when the battery is
connected backward. Therefore, the condition can be detected
by monitoring the BVMEA pin for a negative voltage.
BATTERY CURRENT AND VOLTAGE CONTROL
INPUTS (ISET AND VSET)
The voltages at the ISET and VSET input pins set the target
battery current and voltage for the constant current (CC) and
constant voltage (CV) loops. These inputs must be driven by a
precision voltage source (or a DAC connected to a precision
reference) whose output voltage is referenced to the same voltage
as the PGIA and PGDA reference pins (ISREFH/ISREFL and
BVREFH/BVREFL, respectively). For example, if the PGIA ref-
erence pins are connected to AGND, the voltage source connected
to ISET must also be referenced to AGND. In the same way, if
the PGDA reference pins are connected to AGND, the voltage
source connected to VSET must also be referenced to AGND.
In constant current mode, when the CC feedback loop is in
steady state, the ISET input sets the battery current as follows:
IBAT_SS =
S
IA
ISET
R
G
V
×
where:
GIA is the PGIA gain.
RS is the value of the shunt resistor.
In constant voltage mode, when the CV feedback loop is in
steady state, the VSET input sets the battery voltage as follows:
VBAT_SS =
DA
VSET
G
V
where GDA is the PGDA gain.
Therefore, the accuracy and temperature stability of the formation
and test system are dependent not only on the precision of the
AD8450, but also on the accuracy of the ISET and VSET inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com