Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8450ASTZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD8450ASTZ
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450ASTZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD8450ASTZ Datasheet HTML 26Page - Analog Devices AD8450ASTZ Datasheet HTML 27Page - Analog Devices AD8450ASTZ Datasheet HTML 28Page - Analog Devices AD8450ASTZ Datasheet HTML 29Page - Analog Devices AD8450ASTZ Datasheet HTML 30Page - Analog Devices AD8450ASTZ Datasheet HTML 31Page - Analog Devices AD8450ASTZ Datasheet HTML 32Page - Analog Devices AD8450ASTZ Datasheet HTML 33Page - Analog Devices AD8450ASTZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
AD8450
Data Sheet
Rev. B | Page 30 of 41
POWER-OFF SEQUENCE
To power off the device, take the following steps:
1. Turn off the input signals.
2. Turn off DVCC.
3. Turn off AVEE.
4. Turn off AVCC.
The positive analog supply (AVCC) and the negative analog
supply (AVEE) may be turned off simultaneously.
PGIA CONNECTIONS
For a description of the PGIA, see the Theory of Operation
section, Figure 49, and Figure 51. The internal gains of the
PGIA (26, 66, 133, and 200) are selected by hardwiring the
appropriate pin combinations (see Table 5).
Table 5. PGIA Gain Connections
PGIA Gain
Connect RGP (Pin 2) to
Connect RGN (Pin 19) to
26
ISGP0 (Pin 4)
ISGN0 (Pin 17)
66
ISGP1 (Pin 6)
ISGN1 (Pin 15)
133
ISGP2 (Pin 8)
ISGN2 (Pin 13)
200
ISGP3 (Pin 9)
ISGN3 (Pin 12)
If a different gain value is desired, connect 10 kΩ feedback resistors
between the inverting inputs of the PGIA preamplifiers (RGP
and RGN pins) and the outputs of the PGIA preamplifiers (RFBP
and RFBN pins). Also, connect a gain resistor (RG) between the
RGP and RGN pins. When using external resistors, the gain of
the PGIA is
Gain = 2 × (1 + 20 kΩ/RG)
BATTERY
LEVEL
SHIFTER
ADP1972
PWM
VCTRL
SENSE
RESISTOR
ISVP
ISVN
BVPx
BVNx
AVCC
OUTPUT
DRIVERS
BATTERY
CURRENT
AVEE
CV
BUFFER
–
+
–
+
1×
VINT
BUFFER
VSET
ISET
C
D
C
D
C
D
VINT
ISMEA
BVMEA
OCPS
OCPR
OVPR VREF
OVERCURRENT
COMPARATOR
OVERVOLTAGE
COMPARATOR
FAULT
OVPS
OUTPUT
FILTER
PGDA
–
+
–
+
PGIA
DC-TO-DC
POWER CONVERTER
1×
SET
BATTERY
CURRENT
SET
BATTERY
VOLTAGE
AD8450
CONTROLLER
CONSTANT
VOLTAGE LOOP
FILTER AMPLIFIER
CC AND CV
GATES
CONSTANT
CURRENT LOOP
FILTER AMPLIFIER
MODE
SWITCHES (3)
C = CHARGE
D = DISCHARGE
EXTERNAL PASSIVE
COMPENSATION
NETWORK
NOR
Figure 59. Complete Signal Path of a Battery Test or Formation System Suitable for Li-Ion Batteries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com