Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8450ASTZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD8450ASTZ
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450ASTZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD8450ASTZ Datasheet HTML 32Page - Analog Devices AD8450ASTZ Datasheet HTML 33Page - Analog Devices AD8450ASTZ Datasheet HTML 34Page - Analog Devices AD8450ASTZ Datasheet HTML 35Page - Analog Devices AD8450ASTZ Datasheet HTML 36Page - Analog Devices AD8450ASTZ Datasheet HTML 37Page - Analog Devices AD8450ASTZ Datasheet HTML 38Page - Analog Devices AD8450ASTZ Datasheet HTML 39Page - Analog Devices AD8450ASTZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
AD8450
Data Sheet
Rev. B | Page 36 of 41
Overload Comparators
The AD8450 features identical fault sensing comparators for
overcurrent (OCPS pin) and overvoltage (OVPS pin) to help
protect against battery damage. The reference pins, OVPR and
OCPR, are hardwired via 0 Ω resistors, R27 and R28, to the 2.5 V
reference. The outputs of the comparators are connected together
internally, and are active low in the event of an overdrive of
either parameter.
For reference, the sense pins are set at 20% greater than the
reference. For other sense voltage ratios, simply calculate a new
value for the resistor divider. The 2.49 kΩ resistor was selected
as an easy equivalent to the 2.5 V reference, the 499 Ω resistors
to the ISMEA and BVMEA as 20% greater. These values were
selected for an experimental 1 A charge/discharge system built
in the lab. Other ratios and values are user selected.
As a basic test or experiment, simply apply enough voltage at
the PGIA or PGDA inputs to exceed 3 V at ISMEA or BVMEA.
The FAULT output pin switches from 5 V to 0 V if either input
exceeds the sense trigger level.
VSET Buffer
The VSET buffer is a unity gain, voltage follower pin accessible
for testing. Apply a voltage up to 5 V at the VSET input, and
measure the output at TPVSETBF.
CV and CC Loop Filter Amplifiers
The constant voltage (CV) and constant current (CC) integrators
are identical circuits and are the two active integrator elements of
the master loop compensation and switching block (see Figure 49).
Except for their external connections, the two circuits are identical
and are tested in the same way, sequentially. The integrator
outputs are analog OR’ed together, creating the VCTRL output to
the input of an external pulse-width modulation controller.
As shown in Figure 49, the integrator op amp inputs are called
IVE0, IVE1, VVE0, VVE1, and VVP0. The first two letters (IV
or VV) signify the constant current or constant voltage integrator.
The third letter identifies the noninverting input (P) or the
inverting input (E for error input). The final digit (0 or 1)
indicates the state of the mode circuit (0 for discharge and 1
for charge). Because the integrators are connected in parallel,
a static test of either integrator requires disabling the other by
forcing the output to the supply rail, reverse biasing the
transistor/diode gate.
CC and CV Integrator Tests
The RUN_TEST1 and RUN_TEST2 switches provide all the circuit
switching required to test the integrator. Set RUN_TEST1 to the
TEST position and apply 2.5 V to the ISET and VSET inputs;
then read 2.5 V at the VCTRL output. Set RUN_TEST2 to
TEST_CC, then TEST_CV, and the VCTRL output voltage still
measures 2.5 V.
Uncommitted Op Amp
The uncommitted op amp is configured as a follower (R24 is
installed between the OAVN pin and the OAVO pin). The input
pin, OAVP, is jumper connected to ground via OAVP. To test
the uncommitted op amp, simply connect a jumper from TP2.5V
and Pin 1 of Jumper OAVP. The output TPOAVO reads 2.5 V.
USING THE AD8450
Except for the power converter and accessories, such as filters
and current sensing, the AD8450-EVALZ includes all of the
signal path elements necessary to implement a battery charging/
forming system (see Figure 59).
The AD8450 is usable with either linear or switch mode power
converters. Switching converters typically generate higher noise
levels than linear; however, switching converters are the most
popular by far because of significantly higher efficiency and
lower cost. Regardless of the power converter architecture used, the
PID loop must be configured to reflect the phase shift and gain of
the power stage. Circuit simulation is helpful with this task.
On the right hand side of Figure 62 are four universal loop
compensation circuits. All or part of the circuits are usable
for installing fixed components when the AD8450-EVALZ is
connected to a battery system for design verification. There are
two feedback amplifiers, but four potentially distinctive separate
configurations. The types and values of passive components
vary according to the power converter and its characteristics.
To use the board for setting up a charging system, replace the
10 kΩ resistors in the feedback (there are no capacitors installed)
and connect the measured feedback voltages by installing
jumpers RUN1 through RUN5. Remove jumpers TST1 through
TST5 and install capacitors associated with the integrator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com