Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8450ASTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8450ASTZ
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450ASTZ Datasheet(HTML) 5 Page - Analog Devices

  AD8450ASTZ Datasheet HTML 1Page - Analog Devices AD8450ASTZ Datasheet HTML 2Page - Analog Devices AD8450ASTZ Datasheet HTML 3Page - Analog Devices AD8450ASTZ Datasheet HTML 4Page - Analog Devices AD8450ASTZ Datasheet HTML 5Page - Analog Devices AD8450ASTZ Datasheet HTML 6Page - Analog Devices AD8450ASTZ Datasheet HTML 7Page - Analog Devices AD8450ASTZ Datasheet HTML 8Page - Analog Devices AD8450ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Data Sheet
AD8450
Rev. B | Page 5 of 41
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Small Signal −3 dB Bandwidth
Gain = 0.2
420
kHz
Gain = 0.27
730
kHz
Gain = 0.4
940
kHz
Gain = 0.8
1000
kHz
Slew Rate
0.8
V/µs
CONSTANT CURRENT AND CONSTANT
VOLTAGE LOOP FILTER AMPLIFIERS
Offset Voltage
150
µV
Offset Voltage Drift
TA = TMIN to TMAX
0.6
µV/°C
Input Bias Current
−5
+5
nA
Over Temperature
TA = TMIN to TMAX
−5
+5
nA
Input Common-Mode Voltage Range
AVEE + 1.5
AVCC − 1.8
V
Output Voltage Swing
VVCLN = AVEE + 1 V, VVCLP = AVCC − 1 V
AVEE + 1.5
AVCC − 1
V
Over Temperature
TA = TMIN to TMAX
AVEE + 1.7
AVCC − 1
V
Closed-Loop Output Impedance
0.01
Ω
Capacitive Load Drive
1000
pF
Source Short-Circuit Current
1
mA
Sink Short-Circuit Current
40
mA
Open-Loop Gain
140
dB
CMRR
ΔVCM = 10 V
100
dB
PSRR
ΔVS = 20 V
100
dB
Voltage Noise
f = 1 kHz
10
nV/√Hz
Voltage Noise, Peak-to-Peak
f = 0.1 Hz to 10 Hz
0.3
µV p-p
Current Noise
f = 1 kHz
80
fA/√Hz
Current Noise, Peak-to-Peak
f = 0.1 Hz to 10 Hz
5
pA p-p
Small Signal Gain Bandwidth Product
3
MHz
Slew Rate
ΔVVINT = 10 V
1
V/μs
CC to CV Transition Time
1.5
µs
UNCOMMITTED OP AMP
Offset Voltage
150
µV
Offset Voltage Drift
TA = TMIN to TMAX
0.6
µV/°C
Input Bias Current
−5
+5
nA
Over Temperature
TA = TMIN to TMAX
−5
+5
nA
Input Common-Mode Voltage Range
AVEE + 1.5
AVCC − 1.8
V
Output Voltage Swing
AVEE + 1.5
AVCC − 1.5
V
Over Temperature
TA = TMIN to TMAX
AVEE + 1.7
AVCC − 1.5
V
Closed-Loop Output Impedance
0.01
Ω
Capacitive Load Drive
1000
pF
Short-Circuit Current
40
mA
Open-Loop Gain
RL = 2 kΩ
140
dB
CMRR
ΔVCM = 10 V
100
dB
PSRR
ΔVS = 20 V
100
dB
Voltage Noise
f = 1 kHz
10
nV/√Hz
Voltage Noise, Peak-to-Peak
f = 0.1 Hz to 10 Hz
0.3
µV p-p
Current Noise
f = 1 kHz
80
fA/√Hz
Current Noise, Peak-to-Peak
f = 0.1 Hz to 10 Hz
5
pA p-p
Small Signal Gain Bandwidth Product
3
MHz
Slew Rate
ΔVOAVO = 10 V
1
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com