Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8450ASTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8450ASTZ
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450ASTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8450ASTZ Datasheet HTML 2Page - Analog Devices AD8450ASTZ Datasheet HTML 3Page - Analog Devices AD8450ASTZ Datasheet HTML 4Page - Analog Devices AD8450ASTZ Datasheet HTML 5Page - Analog Devices AD8450ASTZ Datasheet HTML 6Page - Analog Devices AD8450ASTZ Datasheet HTML 7Page - Analog Devices AD8450ASTZ Datasheet HTML 8Page - Analog Devices AD8450ASTZ Datasheet HTML 9Page - Analog Devices AD8450ASTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
AD8450
Data Sheet
Rev. B | Page 6 of 41
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CURRENT SHARING BUS AMPLIFIER
Nominal Gain
1
V/V
Offset Voltage
150
µV
Offset Voltage Drift
TA = TMIN to TMAX
0.6
µV/°C
Output Voltage Swing
AVEE + 1.5
AVCC − 1.5
V
Over Temperature
TA = TMIN to TMAX
AVEE + 1.7
AVCC − 1.7
V
Capacitive Load Drive
1000
pF
Source Short-Circuit Current
40
mA
Sink Short-Circuit Current
0.5
mA
CMRR
ΔVCM = 10 V
100
dB
PSRR
ΔVS = 20 V
100
dB
Voltage Noise
f = 1 kHz
10
nV/√Hz
Voltage Noise, Peak-to-Peak
f = 0.1 Hz to 10 Hz
0.4
µV p-p
Small Signal −3 dB Bandwidth
3
MHz
Slew Rate
ΔVCS = 10 V
1
V/µs
Transition Time
1.5
µs
CURRENT SHARING, VINT, AND
CONSTANT VOLTAGE BUFFERS
Nominal Gain
1
V/V
Offset Voltage
150
µV
Offset Voltage Drift
TA = TMIN to TMAX
0.6
µV/°C
Input Bias Current
CV buffer only
−5
+5
nA
Over Temperature
TA = TMIN to TMAX
−5
+5
nA
Input Voltage Range
AVEE + 1.5
AVCC − 1.8
V
Output Voltage Swing
Current Sharing and Constant
Voltage Buffers
AVEE + 1.5
AVCC − 1.5
V
Over Temperature
TA = TMIN to TMAX
AVEE + 1.7
AVCC − 1.5
V
VINT Buffer
VVCLN − 0.6
VVCLP + 0.6
V
Over Temperature
TA = TMIN to TMAX
VVCLN − 0.6
VVCLP + 0.6
V
Output Clamps Voltage Range
VINT buffer only
VCLP Pin
VVCLN
AVCC − 1
V
VCLN Pin
AVEE + 1
VVCLP
V
Closed-Loop Output Impedance
1
Ω
Capacitive Load Drive
1000
pF
Short-Circuit Current
40
mA
PSRR
ΔVS = 20 V
100
dB
Voltage Noise
f = 1 kHz
10
nV/√Hz
Voltage Noise, Peak-to-Peak
f = 0.1 Hz to 10 Hz
0.3
µV p-p
Current Noise
f = 1 kHz, CV buffer only
80
fA/√Hz
Current Noise, Peak-to-Peak
f = 0.1 Hz to 10 Hz
5
pA p-p
Small Signal −3 dB Bandwidth
3
MHz
Slew Rate
ΔVOUT = 10 V
1
V/µs
OVERCURRENT AND OVERVOLTAGE
FAULT COMPARATORS
High Threshold Voltage
With respect to OVPR and OCPR pins
30
45
mV
Temperature Coefficient
100
µV/°C
Low Threshold Voltage
With respect to OVPR and OCPR pins
−45
−30
mV
Temperature Coefficient
−100
µV/°C
Input Bias Current
250
nA
Input Voltage Range
OVPR, OCPR, OVPS, and OCPS pins
AVEE
AVCC − 3
V
Differential Input Voltage Range
−7
+7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com