Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8450ASTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8450ASTZ
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450ASTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8450ASTZ Datasheet HTML 4Page - Analog Devices AD8450ASTZ Datasheet HTML 5Page - Analog Devices AD8450ASTZ Datasheet HTML 6Page - Analog Devices AD8450ASTZ Datasheet HTML 7Page - Analog Devices AD8450ASTZ Datasheet HTML 8Page - Analog Devices AD8450ASTZ Datasheet HTML 9Page - Analog Devices AD8450ASTZ Datasheet HTML 10Page - Analog Devices AD8450ASTZ Datasheet HTML 11Page - Analog Devices AD8450ASTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
AD8450
Data Sheet
Rev. B | Page 8 of 41
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Analog Supply Voltage (AVCC − AVEE)
36 V
Digital Supply Voltage (DVCC − DGND)
36 V
Maximum Voltage at Input Pins (ISVP, ISVN,
BVPx, and BVNx)
AVEE + 55 V
Minimum Voltage at Input Pins (ISVP, ISVN, BVPx,
and BVNx)
AVCC − 55 V
Maximum Voltage at All Input Pins, Except ISVP,
ISVN, BVPx, and BVNx
AVCC
Minimum Voltage at All Input Pins, Except ISVP,
ISVN, BVPx, and BVNx
AVEE
Maximum Digital Supply Voltage with Respect
to the Positive Analog Supply (DVCC − AVCC)
+0.5 V
Minimum Digital Supply Voltage with Respect to
the Negative Analog Supply (DVCC − AVEE)
−0.5 V
Maximum Digital Ground with Respect to the
Positive Analog Supply (DGND − AVCC)
+0.5 V
Minimum Digital Ground with Respect to the
Negative Analog Supply (DGND − AVEE)
−0.5 V
Maximum Analog Ground with Respect to the
Positive Analog Supply (AGND − AVCC)
+0.5 V
Minimum Analog Ground with Respect to the
Negative Analog Supply (AGND − AVEE)
−0.5 V
Maximum Analog Ground with Respect to the
Digital Ground (AGND − DGND)
+0.5 V
Minimum Analog Ground with Respect to the
Digital Ground (AGND − DGND)
−0.5 V
Operating Temperature Range
−40°C to
+85°C
Storage Temperature Range
−65°C to
+150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
The θJA value assumes a 4-layer JEDEC standard board with
zero airflow.
Table 3. Thermal Resistance
Package Type
θJA
Unit
80-Lead LQFP
54.7
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com