Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8450ASTZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD8450ASTZ
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450ASTZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD8450ASTZ Datasheet HTML 29Page - Analog Devices AD8450ASTZ Datasheet HTML 30Page - Analog Devices AD8450ASTZ Datasheet HTML 31Page - Analog Devices AD8450ASTZ Datasheet HTML 32Page - Analog Devices AD8450ASTZ Datasheet HTML 33Page - Analog Devices AD8450ASTZ Datasheet HTML 34Page - Analog Devices AD8450ASTZ Datasheet HTML 35Page - Analog Devices AD8450ASTZ Datasheet HTML 36Page - Analog Devices AD8450ASTZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Data Sheet
AD8450
Rev. B | Page 33 of 41
Step 4: Determine the Control Voltage for the CC Loop,
the Shunt Resistor, and the PGIA Gain
The relationship between the control voltage for the CC loop
(the voltage at the ISET pin), the target battery current, and the
PGIA gain is as follows:
CC Battery Target Current =
Gain
PGIA
R
V
S
ISET
×
The voltage across the shunt resistor is as follows:
Shunt Resistor Voltage =
Gain
PGIA
VISET
Selecting the highest PGIA gain of 200 reduces the voltage across
the shunt resistor, minimizing dissipated power and inaccuracies
due to self heating. For a PGIA gain of 200 and a target current
of 1 A, choosing a 20 mΩ shunt resistor results in a control
voltage of 4 V.
When selecting a shunt resistor, pay close attention to the
resistor style and construction. For low power applications,
many surface-mount (SMD), temperature stable styles are
available that solder to a mating pad on a printed circuit board
(PCB). For optimum accuracy, specify a 4-terminal shunt
resistor that provides separate high current and sense terminals.
This type of resistor directs the majority of the battery current
through a high current path. An additional pair of terminals
provides a separate connection for the input leads to the PGIA,
avoiding the power loss inherent to forcing the full battery
current through the distance to the PGIA pins. Because the bias
current is so low, the sense error is significantly less than if the
battery current were to transverse the additional lead length.
Step 5: Choose the Control Voltage Sources
The input control voltages (the voltages at the ISET and VSET pins)
can be generated by an analog voltage source such as a voltage
reference or by a digital-to-analog converter (DAC). In both
cases, select a device that provides a stable, low noise output
voltage. If a DAC is preferred, Analog Devices offers a wide
range of precision converters. For example, the AD5668 16-bit
DAC provides up to eight 0 V to 4 V sources when connected to
an external 2 V reference.
To maximize accuracy, the control voltage sources must be
referenced to the same potential as the outputs of the PGIA and
PGDA. For example, if the PGIA and PGDA reference pins are
connected to AGND, connect the reference pins of the control
voltage sources to AGND.
Step 6: Select the Compensation Devices
Feedback controlled switching power converters require frequency
compensation to guarantee loop stability. There are many refer-
ences available about how to design the compensation for such
power converters. The AD8450 provides active loop-filter error-
amplifiers for the CC and CV control loops that can implement
PI, PD, and PID compensators using external passive components.
ADDITIONAL INFORMATION
Additional information relative to using the AD8450 is available in
the AN-1319, Compensator Design for a Battery Charge/Discharge
Unit Using the AD8450 or the AD8451.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com