Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8450ASTZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD8450ASTZ
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450ASTZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8450ASTZ Datasheet HTML 25Page - Analog Devices AD8450ASTZ Datasheet HTML 26Page - Analog Devices AD8450ASTZ Datasheet HTML 27Page - Analog Devices AD8450ASTZ Datasheet HTML 28Page - Analog Devices AD8450ASTZ Datasheet HTML 29Page - Analog Devices AD8450ASTZ Datasheet HTML 30Page - Analog Devices AD8450ASTZ Datasheet HTML 31Page - Analog Devices AD8450ASTZ Datasheet HTML 32Page - Analog Devices AD8450ASTZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Data Sheet
AD8450
Rev. B | Page 29 of 41
APPLICATIONS INFORMATION
This section describes how to use the AD8450 in the context of
a battery formation and test system. This section includes a design
example of a small scale model of an actual system. An evaluation
board for the AD8450 is available and is described in the
Evaluation Board section.
FUNCTIONAL DESCRIPTION
The AD8450 is a precision analog front end and controller for
battery formation and test systems. These systems use precision
controllers and power stages to put batteries through charge and
discharge cycles. Figure 59 shows the signal path of a simplified
switching battery formation and test system using the AD8450
controller and the ADP1972 PWM controller. For more
information about the ADP1972, see the ADP1972 data sheet.
The AD8450 is suitable for systems that form and test NiCad,
NiMH, and Li-Ion batteries and is designed to operate in
conjunction with both linear and switching power stages.
The AD8450 includes the following blocks (see Figure 49 and
the Theory of Operation section for more information).
Pin programmable gain instrumentation amplifier (PGIA)
that senses low-side or high-side battery current.
Pin programmable gain difference amplifier (PGDA) that
measures the terminal voltage of the battery.
Two loop filter error amplifiers that receive the battery target
current and voltage and establish the dynamics of the constant
current (CC) and constant voltage (CV) feedback loops.
Minimum output selector circuit that combines the outputs
of the loop filter error amplifiers to perform automatic CC
to CV switching.
Output clamp amplifier that drives the VCTRL pin. The
voltage range of this amplifier is bounded by the voltage
at the VCLP and VCLN pins such that it cannot overrange
the subsequent stage. The output clamp amplifier can drive
switching and linear power converters. Note that an increas-
ing voltage at the VCTRL pin must translate to a larger
output current in the power converter.
Overcurrent and overvoltage comparators whose outputs are
combined using a NOR gate to drive the FAULT pin. The
FAULT pin presents a logic low when either comparator is
tripped.
2.5 V reference that can be used as the reference voltage for
the overcurrent and overvoltage comparators. The output
node of the 2.5 V reference is the VREF pin.
Current sharing amplifier that detects the maximum battery
current among several charging channels and whose output
can be used to implement current balancing.
Logic input pin (MODE) that changes the configuration of
the controller from charge to discharge mode. A logic high
at the MODE pin configures charge mode; a logic low
configures discharge mode.
POWER SUPPLY CONNECTIONS
The AD8450 requires two analog power supplies (AVCC and
AVEE), one digital power supply (DVCC), one analog ground
(AGND), and one digital ground (DGND). AVCC and AVEE
power all the analog blocks, including the PGIA, PGDA, op amps,
and comparators. DVCC powers the MODE input logic circuit
and the FAULT output logic circuit. AGND provides a reference
and return path for the 2.5 V reference, and DGND provides a
reference and return path for the digital circuitry.
The rated absolute maximum value for AVCC − AVEE is 36 V,
and the minimum operating AVCC and AVEE voltages are +5 V
and −5 V, respectively. Due to the high PSRR of the AD8450
analog blocks, AVCC can be connected directly to the high current
power bus (the input voltage of the power converter) without
risking the injection of supply noise to the controller outputs.
A commonly used power supply combination is +25 V and
−5 V for AVCC and AVEE, and +5 V for DVCC. The +25 V rail
for AVCC provides enough headroom to the PGIA such that it
can be connected in a high-side current sensing configuration
with up to four batteries in series (4S). The −5 V rail for AVEE
allows the PGDA to sense accidental reverse battery conditions
(see the Reverse Battery Conditions section).
Connect decoupling capacitors to all the supply pins. A 1 μF
capacitor in parallel with a 0.1 μF capacitor is recommended.
POWER SUPPLY SEQUENCING
 
As detailed in the absolute maximum ratings table (see Table 2),
the voltage at any input pin other than ISVP, ISVN, BVPx, and
BVNx cannot exceed the positive analog supply (AVCC) by
more than 0.5 V and cannot be exceeded by the analog negative
supply (AVEE) by 0.5V.
Additionally, supply and ground pins (DVCC, DGND, and
AGND) cannot exceed the positive analog supply (AVCC) by
more than 0.5 V and cannot be exceeded by the analog negative
supply (AVEE) by 0.5V.
Therefore, power-on and power-off sequencing may be
required to comply with the absolute maximum ratings.
Failure to comply with the absolute maximum ratings can result
in functional failure or damage to the internal ESD diodes.
Damaged ESD diodes can cause parametric failures and cannot
provide full ESD protection, reducing reliability.
POWER-ON SEQUENCE
To power on the device, take the following steps:
1.
Turn on AVCC
2.
Turn on AVEE
3.
Turn on DVCC
4.
Turn on the input signals
The positive analog supply (AVCC) and the negative analog
supply (AVEE) may be turned on simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com