Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8450ASTZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD8450ASTZ
Description  Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8450ASTZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8450ASTZ Datasheet HTML 22Page - Analog Devices AD8450ASTZ Datasheet HTML 23Page - Analog Devices AD8450ASTZ Datasheet HTML 24Page - Analog Devices AD8450ASTZ Datasheet HTML 25Page - Analog Devices AD8450ASTZ Datasheet HTML 26Page - Analog Devices AD8450ASTZ Datasheet HTML 27Page - Analog Devices AD8450ASTZ Datasheet HTML 28Page - Analog Devices AD8450ASTZ Datasheet HTML 29Page - Analog Devices AD8450ASTZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
AD8450
Data Sheet
Rev. B | Page 26 of 41
ISET
–
+
–
+
CC LOOP
AMPLIFIER
CV LOOP
AMPLIFIER
IVE0
VVE0
ANALOG
NOR
ISVN
BVPx
BVNx
GDA
–
+
–
+
GIA
ISMEA
BVMEA
IBAT
PGIA
PGDA
VVSET
R2
C2
R2
C2
VSET
VSETBF
VVP0
R1
C1
1×
VCTRL
VCLN
VCLP
VINT
BUFFER
VISET
VBAT
SENSE
RESISTOR
MODE
0V
–
+
VINT
RS
POWER
CONVERTER
VINT
IOUT
ISVP
VCTRL
I POWER
BUS
MINIMUM
OUTPUT
SELECTOR
V4
V3
V3 < VCTRL < V4
1×
VSET
BUFFER
Figure 55. Functional Block Diagram of the CC and CV Loops in Discharge Mode (MODE Pin Low)
Figure 55 is the functional block diagram of the AD8450 CC
and CV feedback loops for discharge mode (MODE pin is logic
low. In discharge mode, the feedback loops operate in a similar
manner as in charge mode. The only difference is in the CV
loop amplifier, which operates as a noninverting integrator in
discharge mode. For illustration purposes, the external networks
connected to the loop amplifiers are simple RC networks
configured to form single-pole integrators (see Figure 55).
COMPENSATION
In battery formation and test systems, the CC and CV feedback
loops have significantly different open-loop gain and crossover
frequencies; therefore, each loop requires its own frequency
compensation. The active filter architecture of the AD8450 CC
and CV loops allows the frequency response of each loop to be set
independently via external components. Moreover, due to the
internal switches in the CC and CV amplifiers, the frequency
response of the loops in charge mode does not affect the frequency
response of the loops in discharge mode.
Unlike simpler controllers that use passive networks to ground
for frequency compensation, the AD8450 allows the use of feed-
back networks for its CC and CV loop filter amplifiers. These
networks enable the implementation of both PD (Type II) and
PID (Type III) compensators. Note that in charge mode, both
the CC and CV loops implement inverting compensators, whereas
in discharge mode, the CC loop implements an inverting compen-
sator and the CV loop implements a noninverting compensator.
As a result, the CV loop in discharge mode includes an additional
amplifier, VSET buffer, to buffer the VSET node from the feed-
back network (see Figure 55).
VINT BUFFER
The unity-gain amplifier (VINT buffer) is a clamp amplifier
that drives the VCTRL pin. The VCTRL pin is the control
output of the AD8450 and the control input of the power
converter (see Figure 53 and Figure 55). The output voltage
range of this amplifier is bounded by the clamp voltages at
the VCLP and VCLN pins such that
VVCLN − 0.5 V < VVCTRL < VVCLP + 0.5 V
The reduction in the output voltage range of the amplifier is a
safety feature that allows the AD8450 to drive devices such as the
ADP1972 pulse-width modulation (PWM) controller, whose
input voltage range must not exceed 5.5 V (that is, the voltage at
the COMP pin of the ADP1972 must be below 5.5 V).
MODE PIN, CHARGE AND DISCHARGE CONTROL
The MODE pin is a TTL logic input that configures the AD8450
for either charge or discharge mode. A logic low (VMODE < 0.8 V)
corresponds to discharge mode, and a logic high (VMODE > 2 V)
corresponds to charge mode. Internal to the AD8450, the MODE
pin toggles all SPDT switches in the CC and CV loop amplifiers
and inverts the gain polarity of the PGIA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com