Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP38853
Description  3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38853 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP38853_15 Datasheet HTML 12Page - Texas Instruments LP38853_15 Datasheet HTML 13Page - Texas Instruments LP38853_15 Datasheet HTML 14Page - Texas Instruments LP38853_15 Datasheet HTML 15Page - Texas Instruments LP38853_15 Datasheet HTML 16Page - Texas Instruments LP38853_15 Datasheet HTML 17Page - Texas Instruments LP38853_15 Datasheet HTML 18Page - Texas Instruments LP38853_15 Datasheet HTML 19Page - Texas Instruments LP38853_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LP38853
SNVS335E – DECEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
8.2.2.1.2
Output Capacitor
A minimum output capacitance of 10-µF ceramic is required for stability. The amount of output capacitance can
be increased without limit. The output capacitor must be located less than 1 cm from the OUT pin of the device
and returned to the device ground pin with a clean analog ground.
Only high-quality ceramic types such as X5R or X7R must be used, as the Z5U and Y5F types do not provide
sufficient capacitance over temperature.
Tantalum capacitors also provide stable operation across the entire operating temperature range. However, the
effects of ESR may provide variations in the output voltage during fast load transients. Using the minimum
recommended 10-µF ceramic capacitor at the output allows unlimited capacitance, tantalum or aluminum, to be
added in parallel.
8.2.2.1.3
Bias Capacitor
The capacitor on the bias pin must be at least 1 µF and can be any good-quality capacitor (ceramic is
recommended).
8.2.2.1.4
Set The Output Voltage
According to Table 1, R1 is set to 1.07 k
Ω, R2 is set to 1.78 kΩ.
8.2.2.1.5
Feed Forward Capacitor, CFF
When using a ceramic capacitor for COUT, the typical ESR value may be too small to provide any meaningful
positive phase compensation, FZ, to offset the internal negative phase shifts in the gain loop (see Figure 23 and
Equation 4).
FZ = (1 / (2 × π × COUT × ESR))
(4)
A capacitor placed across the gain resistor R1 provides additional phase margin to improve load transient
response of the device. This capacitor, CFF, in parallel with R1, forms a zero in the loop response given by
Equation 5:
FZ = (1 / (2 × π × CFF × R1))
(5)
For optimum load transient response select CFF so the zero frequency, FZ, falls between 10 kHz and 15 kHz as
shown in Equation 6:
(CFF = (1 / (2 × π × R1 × FZ)
(6)
The phase lead provided by CFF diminishes as the DC gain approaches unity, or VOUT approaches VADJ. This is
because CFF also forms a pole with a frequency shown in Equation 7:
FP = (1 / (2 × π × CFF × (R1 || R2) ))
(7)
NOTE
It is important to note that at higher output voltages, where R1 is much larger than R2, the
pole and zero are far apart in frequency. At lower output voltages the frequency of the
pole and the zero move closer together. The phase lead provided from CFF diminishes
quickly as the output voltage is reduced, and has no effect when VOUT = VADJ. For this
reason, relying on this compensation technique alone is adequate only for higher output
voltages. For the LP38853, the practical minimum VOUT is 0.8 V when a ceramic capacitor
is used for COUT.
16
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com