Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 19 Page - Texas Instruments

Part # LP38853
Description  3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38853 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP38853_15 Datasheet HTML 15Page - Texas Instruments LP38853_15 Datasheet HTML 16Page - Texas Instruments LP38853_15 Datasheet HTML 17Page - Texas Instruments LP38853_15 Datasheet HTML 18Page - Texas Instruments LP38853_15 Datasheet HTML 19Page - Texas Instruments LP38853_15 Datasheet HTML 20Page - Texas Instruments LP38853_15 Datasheet HTML 21Page - Texas Instruments LP38853_15 Datasheet HTML 22Page - Texas Instruments LP38853_15 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
VOUT
VIN
1
2
3
4
5
CIN
COUT
6
7
CSS
CBIAS
VOUT
VIN
1
2
3
4
5
CIN
COUT
6
7
CSS
CBIAS
LP38853
www.ti.com
SNVS335E – DECEMBER 2006 – REVISED NOVEMBER 2015
9 Power Supply Recommendations
The LP38853 device is designed to operate from an input voltage supply range from 3 V and 5.5 V. The input
voltage range provides adequate headroom in order for the device to have a regulated output. This input supply
must be well regulated. An input capacitor of at least 10
μF is required.
10 Layout
10.1 Layout Guidelines
For best overall performance, place all circuit components on the same side of the circuit board and as near as
practical to the respective LDO pin connections. Place ground return connections to the input and output
capacitor, and to the LDO ground pin as close as possible to each other, connected by a wide, component side,
copper surface. The use of vias and long traces to create LDO circuit connections is strongly discouraged and
negatively affects system performance. This grounding and layout scheme minimizes inductive parasitic, and
thereby reduces load current transients, minimizes noise, and increases circuit stability.
A ground reference plane is also recommended and is either embedded in the PCB itself or located on the
bottom side of the PCB opposite the components. This reference plane serves to assure accuracy of the output
voltage, shield noise, and behaves similarly to a thermal plane to spread heat from the LDO device when
connected to the PowerPAD. In most applications, this ground plane is necessary to meet thermal requirements.
10.2 Layout Examples
Figure 31. LP38853 DDPAK/TO-263 and TO-220 Layout Example
Figure 32. LP38853 SO PowerPAD Layout Example
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com