Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP38853
Description  3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38853 Datasheet(HTML) 1 Page - Texas Instruments

  LP38853_15 Datasheet HTML 1Page - Texas Instruments LP38853_15 Datasheet HTML 2Page - Texas Instruments LP38853_15 Datasheet HTML 3Page - Texas Instruments LP38853_15 Datasheet HTML 4Page - Texas Instruments LP38853_15 Datasheet HTML 5Page - Texas Instruments LP38853_15 Datasheet HTML 6Page - Texas Instruments LP38853_15 Datasheet HTML 7Page - Texas Instruments LP38853_15 Datasheet HTML 8Page - Texas Instruments LP38853_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IN
BIAS
GND
OUT
VOUT
VIN
VBIAS
CIN
COUT
CBIAS
GND
GND
LP38853
ADJ
R1
R2
CFF
VEN
SS
CSS
EN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP38853
SNVS335E – DECEMBER 2006 – REVISED NOVEMBER 2015
LP38853 3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator With Enable
and Soft Start
1 Features
3 Description
The
LP38853
is
a
high-current,
fast-response
1
•
Wide VBIAS Supply Operating Range: 3 V to 5.5 V
regulator that can maintain output voltage regulation
•
Adjustable VOUT Range: 0.8 V to 1.8 V
with extremely low input-to-output voltage drop.
•
Dropout Voltage of 240 mV (Typical) at 3-A Load
Fabricated on a CMOS process, the device operates
Current
from two input voltages: VBIAS provides voltage to
drive the gate of the NMOS power transistor; VIN is
•
Precision VADJ Across All Line and Load
the input voltage which supplies power to the load.
Conditions:
The use of an external bias rail allows the device to
–
±1.5% VADJ for TJ = 25°C
operate from ultra-low VIN voltages. Unlike bipolar
–
±2% VADJ for 0°C ≤ TJ ≤ +125°C
regulators,
the
CMOS
architecture
consumes
extremely low quiescent current at any output load
–
±3% VADJ for –40°C ≤ TJ ≤ +125°C
current. The use of an NMOS power transistor results
•
Overtemperature and Overcurrent Protection
in wide bandwidth, yet minimum external capacitance
•
Stable with 10-µF Ceramic Capacitors
is required to maintain loop stability.
•
−40°C to +125°C Operating Junction Temperature
The fast transient response of this device makes it
Range
suitable for use in powering DSP and microcontroller
core voltages, and switch-mode power-supply post
2 Applications
regulators.
•
Dropout Voltage: 240 mV (typical) at 3-A load
•
ASIC Power Supplies in:
current.
–
Desktops, Notebooks, Graphics Cards, and
•
Low Ground Pin Current: 10 mA (typical) at 3-A
Servers
load current.
–
Gaming Set-Top Boxes, Printers, and Copiers
•
Soft Start: Programmable soft-start time.
•
Server Core and I/O Supplies
Device Information(1)
•
DSP and FPGA Power Supplies
PART
•
SMPS Post-Regulator
PACKAGE
BODY SIZE (NOM)
NUMBER
DDPAK/TO-263 (7)
10.10 mm × 8.89 mm
LP38853
TO-220 (7)
14.986 × 10.16 mm
SO PowerPAD™ (8)
4.89 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP38853_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results

Similar Description - LP38853_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38852S-ADJ TI-LP38852S-ADJ Datasheet
1Mb / 29P
1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com