Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP38853
Description  3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38853 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP38853_15 Datasheet HTML 8Page - Texas Instruments LP38853_15 Datasheet HTML 9Page - Texas Instruments LP38853_15 Datasheet HTML 10Page - Texas Instruments LP38853_15 Datasheet HTML 11Page - Texas Instruments LP38853_15 Datasheet HTML 12Page - Texas Instruments LP38853_15 Datasheet HTML 13Page - Texas Instruments LP38853_15 Datasheet HTML 14Page - Texas Instruments LP38853_15 Datasheet HTML 15Page - Texas Instruments LP38853_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LP38853
SNVS335E – DECEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
Feature Description (continued)
7.3.3 Reverse Voltage
A reverse voltage condition exists when the voltage at the output pin is higher than the voltage at the IN pin.
Typically this happens when VIN is abruptly taken low and COUT continues to hold a sufficient charge such that
the input to output voltage becomes reversed.
The NMOS pass element, by design, contains no body diode. This means that, as long as the gate of the pass
element is not driven, there is no reverse current flow through the pass element during a reverse voltage event.
The gate of the pass element is not driven when VBIAS is below the UVLO threshold, or when the EN pin is held
low.
When VBIAS is above the UVLO threshold, and the EN pin is above the VEN(ON) threshold, the control circuitry is
active and attempts to regulate the output voltage. Because the input voltage is less than the output voltage the
control circuit drives the gate of the pass element to the full VBIAS potential when the output voltage begins to fall.
In this condition, reverse current flows from the OUT pin to the IN pin , limited only by the RDS(ON) of the pass
element and the output-to-input voltage differential. Discharging an output capacitor up 1000 µF in this manner
does not damage the device as the current rapidly decays. However, continuous reverse current must be
avoided.
7.3.4 Soft-Start
The LP38853 incorporates a soft-start function that reduces the start-up current surge into the output capacitor
(COUT) by allowing VOUT to rise slowly to the final value. This is accomplished by controlling VREF at the SS pin.
The soft-start timing capacitor (CSS) is internally held to ground until both VBIAS rises above the UVLO threshold
and the EN pin is higher than the VEN(ON) threshold.
VREF rises at an RC rate defined by the internal resistance of the SS pin (rSS) and the external capacitor
connected to the SS pin. This allows the output voltage to rise in a controlled manner until steady-state
regulation is achieved. Typically, five time constants are recommended to assure that the output voltage is
sufficiently close to the final steady-state value. During the soft-start time the output current can rise to the built-in
current limit.
Soft-Start Time = CSS × rSS × 5
(1)
Because the VOUT rise is exponential, not linear, the in-rush current peaks during the first time constant (τ), and
VOUT requires four additional time constants (4τ) to reach the final value (5τ) .
After achieving normal operation, if either VBIAS fall below the ULVO threshold, or the EN pin fall below the
VEN(OFF) threshold, the device output is disabled, and the soft-start capacitor (CSS) discharge circuit becomes
active. The CSS discharge circuit remains active until VBIAS falls to 500 mV (typical). When VBIAS falls below 500
mV (typical), the CSS discharge circuit ceases to function due to a lack of sufficient biasing to the control circuitry.
Because VREF appears on the SS pin, any leakage through CSS causes VREF to fall, thus affecting VOUT. A
leakage of 50 nA (about 10 M
Ω) through CSS causes VOUT to be approximately 0.1% lower than nominal, while a
leakage of 500 nA (about 1 M
Ω) causes VOUT to be approximately 1% lower than nominal. Typical ceramic
capacitors have a factor of 10× difference in leakage between 25°C and 85°C, so the maximum ambient
temperature must be included in the capacitor selection process.
Typical CSS values are in the range of 1 nF to 100 nF, providing typical soft-start times in the range of 70 μs to 7
ms (5
τ). Values less than 1 nF may be used, but the soft-start effect will be minimal. Values larger than 100 nF
provide soft start but may not be fully discharged if VBIAS falls from the UVLVO threshold to less than 500 mV in
less than 100 µs.
Figure 22 shows the relationship between the COUT value and a typical CSS value.
12
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com