Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP38853
Description  3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38853 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP38853_15 Datasheet HTML 7Page - Texas Instruments LP38853_15 Datasheet HTML 8Page - Texas Instruments LP38853_15 Datasheet HTML 9Page - Texas Instruments LP38853_15 Datasheet HTML 10Page - Texas Instruments LP38853_15 Datasheet HTML 11Page - Texas Instruments LP38853_15 Datasheet HTML 12Page - Texas Instruments LP38853_15 Datasheet HTML 13Page - Texas Instruments LP38853_15 Datasheet HTML 14Page - Texas Instruments LP38853_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
GND
OUT
IN
BIAS
EN
Undervoltage
Lockout
Thermal
Shutdown
1.2 V
Enable
VREF
0.5 V
ILIMIT
ADJ
rSS
rEN
SS
LP38853
LP38853
www.ti.com
SNVS335E – DECEMBER 2006 – REVISED NOVEMBER 2015
7 Detailed Description
7.1 Overview
The LP38853 is a high-current, low-dropout, fast-response linear regulator capable of sourcing a 3-A load with
only 240-mV dropout. This device operates from two input voltages: VBIAS provides voltage to internal circuit,
while VIN is the input voltage supplying power to load. The use of an external bias rail allows the part to operate
from ultra low VIN voltages. The fast transient response of this device makes it suitable for powering DSP,
microcontroller cores, and post regulators.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Undervoltage Lockout (UVLO)
The bias voltage is monitored by a circuit which prevents the device from functioning when the bias voltage is
below the UVLO threshold of approximately 2.45 V.
As the bias voltage rises above the UVLO threshold the device control circuitry becomes active. There is
approximately 150 mV of hysteresis built into the UVLO threshold to provide noise immunity.
When the bias voltage is between the UVLO threshold and the minimum operating rating value of 3 V the device
is functional, but the operating parameters are not be within the specified limits.
7.3.2 Supply Sequencing
There is no requirement for the order that VIN or VBIAS are applied or removed.
One practical limitation is that the soft-start circuit starts charging CSS when both VBIAS rises above the UVLO
threshold and the EN pin is above the VEN(ON) threshold. If the application of VIN is delayed beyond this point the
benefits of soft start are compromised.
In any case, the output voltage cannot be ensured until both VIN and VBIAS are within the range of specified
operating values.
If used in a dual-supply system where the regulator output load is returned to a negative supply, the output pin
must be diode clamped to ground. A Schottky diode is recommended for this diode clamp.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com