Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP38853
Description  3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38853 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP38853_15 Datasheet HTML 10Page - Texas Instruments LP38853_15 Datasheet HTML 11Page - Texas Instruments LP38853_15 Datasheet HTML 12Page - Texas Instruments LP38853_15 Datasheet HTML 13Page - Texas Instruments LP38853_15 Datasheet HTML 14Page - Texas Instruments LP38853_15 Datasheet HTML 15Page - Texas Instruments LP38853_15 Datasheet HTML 16Page - Texas Instruments LP38853_15 Datasheet HTML 17Page - Texas Instruments LP38853_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LP38853
SNVS335E – DECEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
Table 1. Suggested Resistor Values
VOUT
R1
R2
CFF
FZ
0.8 V
1.07 k
Ω
1.78 k
Ω
12 nF
12.4 kHz
0.9 V
1.50 k
Ω
1.87 k
Ω
8.2 nF
12.9 kHz
1 V
1.00 k
Ω
1.00 k
Ω
12 nF
13.3 kHz
1.1 V
1.65 k
Ω
1.37 k
Ω
8.2 nF
11.8 kHz
1.2 V
1.40 k
Ω
1.00 k
Ω
10 nF
11.4 kHz
1.3 V
1.15 k
Ω
715
Ω
12 nF
11.5 kHz
1.4 V
1.07 k
Ω
590
Ω
12 nF
12.4 kHz
1.5 V
2.00 k
Ω
1.00 k
Ω
6.8 nF
11.7 kHz
1.6 V
1.65 k
Ω
750
Ω
8.2 nF
11.8 kHz
1.7 V
2.55 k
Ω
1.07 k
Ω
5.6 nF
11.1 kHz
1.8 V
2.94 k
Ω
1.13 k
Ω
4.7 nF
11.5 kHz
Refer to the TI Application Note AN-1378 Method for Calculating Output Voltage Tolerances in Adjustable
Regulators (SNVA112) for additional information on how resistor tolerances affect the calculated VOUT value.
7.3.6 Enable (EN) Operation
The EN pin provides a mechanism to enable, or disable, the regulator output stage. The EN pin has an internal
pullup, through a typical 180-k
Ω resistor, to VBIAS. The EN pin can be left open or connected VBIAS if the enable
function is not needed.
7.4 Device Functional Modes
7.4.1 Input Voltage
The input voltage (VIN) is the high-current external voltage rail that is regulated down to a lower voltage, which is
applied to the load. The input voltage must be at least VOUT + VDO, and no higher than whatever value is used for
VBIAS.
For applications where VBIAS is higher than 4.5 V, VIN must be no greater than 4.5 V, otherwise output voltage
accuracy may be affected.
7.4.2 Bias Voltage
The bias voltage (VBIAS) is a low-current external voltage rail required to bias the control circuitry and provide
gate drive for the N-FET pass transistor. When VOUT is set to 1.2 V, or less, VBIAS may be anywhere in the
operating range of 3 V to 5.5 V. If VOUT is set higher than 1.2 V, VBIAS must be between 4.5 V and 5.5 V to
ensure proper operation of the device.
7.4.3 Enable Operation
If the EN pin is actively driven, pulling the EN pin above the VEN threshold of 1.25 V (typical) turns on the
regulator output; pulling the EN pin below the VEN threshold turns off the regulator output. There is approximately
100 mV of hysteresis built into the enable threshold provide noise immunity.
If the enable function is not needed the EN pin must be left open, or connected directly to VBIAS. If the EN pin is
left open, stray capacitance on this pin must be minimized; otherwise, the output turnon is delayed while the
stray capacitance is charged through the internal resistance (rEN).
14
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com