Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38853 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP38853
Description  3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38853 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP38853_15 Datasheet HTML 2Page - Texas Instruments LP38853_15 Datasheet HTML 3Page - Texas Instruments LP38853_15 Datasheet HTML 4Page - Texas Instruments LP38853_15 Datasheet HTML 5Page - Texas Instruments LP38853_15 Datasheet HTML 6Page - Texas Instruments LP38853_15 Datasheet HTML 7Page - Texas Instruments LP38853_15 Datasheet HTML 8Page - Texas Instruments LP38853_15 Datasheet HTML 9Page - Texas Instruments LP38853_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LP38853
SNVS335E – DECEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified: VOUT = 0.8 V, VIN = VOUT(NOM) + 1 V, VBIAS = 3 V, VEN = VBIAS, IOUT = 10 mA, CIN = COUT = 10 µF,
CBIAS = 1 µF, CSS = open; typical (TYP) limits are for TJ = 25°C only, and minimum (MIN) and maximum (MAX) limits apply
over the junction temperature (TJ) range of –40°C to +125°C. Minimum and Maximum limits are specified through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBIAS rising until device is functional, TJ =
2.2
2.45
2.7
Undervoltage lockout
25°C
UVLO
V
threshold
VBIAS rising until device is functional
2
2.9
VBIAS falling from UVLO threshold until
device is non-functional
60
150
300
Undervoltage lockout
TJ = 25°C
UVLO(HYS)
mV
hysteresis
VBIAS falling from UVLO threshold until
50
350
device is non-functional
VIN = VOUT(NOM) + 1 V, VBIAS = 3 V, VOUT =
ISC
Output short-circuit current
5.8
A
0 V
SOFT-START
rSS
Soft-start internal resistance
11
13.5
16
k
Soft-start time
tSS
CSS = 10 nF
675
μs
tSS = CSS × rSS × 5
ENABLE
VEN = VBIAS
0.01
IEN
ENABLE pin current
VEN = 0 V, VBIAS = 5.5 V, TJ = 25°C
–19
–30
–40
μA
VEN = 0 V, VBIAS = 5.5 V
–13
–51
VEN rising until output = ON, TJ = 25°C
1
1.25
1.5
VEN(ON)
Enable voltage threshold
V
VEN rising until output = ON
0.9
1.55
VEN falling from VEN(ON) until Output = OFF
50
100
150
TJ = 25°C
VEN(HYS)
Enable voltage hysteresis
mV
VEN falling from VEN(ON) until Output = OFF
30
200
AC PARAMETERS
VIN = VOUT(NOM) + 1 V,
80
ƒ = 120 Hz
PSRR
Ripple rejection for VIN input
(VIN)
voltage
VIN = VOUT(NOM) + 1 V,
70
ƒ = 1 kHz
dB
VBIAS = VOUT(NOM) + 3 V,
58
ƒ= 120 Hz
PSRR
Ripple rejection for VBIAS
(VBIAS)
voltage
VBIAS = VOUT(NOM) + 3 V,
58
ƒ = 1 kHz
Output noise density
ƒ = 120 Hz
1
µV/
√Hz
en
BW = 10 Hz
− 100 kHz
150
Output noise voltage
µVRMS
BW = 300 Hz
− 300 kHz
90
THERMAL PARAMETERS
Thermal shutdown junction
TSD
160
temperature
°C
TSD(HYS)
Thermal shutdown hysteresis
10
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
tOFF
Turnoff delay time, RLOAD x COUT << tOFF
20
µs
tON
Turnon delay time, RLOAD x COUT << tON
15
µs
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP38853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com