Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CDBL402B Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6CDBL402B
Description  4 -Output Low Power PCIE GEN 1-2-3 Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL402B Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6CDBL402B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
44
All trademarks are property of their respective owners.
www.pericom.com
06/30/15
PI6CDBL402B
4 -Output Low Power PCIE GEN 1-2-3 Buffer
Data Byte 0: Control Register
Bit Descriptions
Type
Power Up Condition
Output(s) Affected
Source Pin
0
Reserved
NA
1
PLL/BYPASS#
0 = Fanout
1 = PLL
RW
1 = PLL
OUT[0:3], OUT[0:3]#
NA
2
PLL Bandwidth
0 = High Bandwidth,
1 = Low Bandwidth
RW
1 = Low
OUT[0:3], OUT[0:3]#
NA
3
Reserved
NA
4
Reserved
NA
5
Reserved
NA
6
Reserved
NA
7
PD_Mode
Refer Power Management Table
RW
0
OUT[0:3], OUT[0:3]#
NA
Data Byte 1: Control Register
Bit Descriptions
Type
Power Up Condition
Output(s) Affected
Source Pin
0
Reserved
NA
1
OUTPUTS enable
1 = Enabled
0 = Disabled
RW
1 = Enabled
OUT0, OUT0#
NA
2
RW
1 = Enabled
OUT1, OUT1#
NA
3
Reserved
NA
4
Reserved
NA
5
OUTPUTS enable
1 = Enabled
0 = Disabled
RW
1 = Enabled
OUT2, OUT2#
NA
6
RW
1 = Enabled
OUT3, OUT3#
NA
7
Reserved
NA
15-0083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com