Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CDBL402B Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

Part # PI6CDBL402B
Description  4 -Output Low Power PCIE GEN 1-2-3 Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL402B Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
12
All trademarks are property of their respective owners.
www.pericom.com
06/30/15
PI6CDBL402B
4 -Output Low Power PCIE GEN 1-2-3 Buffer
Electrical Characteristics–Phase Jitter Parameters (T
A = -40~85
o
C; VDD = 3.3V+/-10%; VDDO =
3.3V+/-10%, VDDO = 2.5V+/-10%, VDDO = 1.8V+/-10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min. Type
Industry
Limit
Units
t
jphPCIeG1
Phase Jitter,
PLL Mode
PCIe Gen 11,2,3
34
86
ps
(p-p)
t
jphPCIeG2
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz1,2
0.9
3
ps
(rms)
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)1,2
2.2
3.1
ps
(rms)
t
jphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)1,2,3,4
0.5
1
ps
(rms)
t
jphSGMII
125MHz, 1.5MHz to 20MHz, -20dB/decade rollover <
1.5MHz, -40db/decade rolloff > 10MHz1,6
1.9
NA
ps
(rms)
t
jphPCIeG1
Additive
Phase Jitter,
Bypass Mode
PCIe Gen 11,2,3
0.6
N/A
ps
(p-p)
t
jphPCIeG2
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz1,2,5
0.1
N/A
ps
(rms)
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)1,2,5
0.05
N/A
ps
(rms)
t
jphPCIeG3
PCIe Gen 3
(PLL BW of 2-4MHz, CDR = 10MHz)1,2,4,5
0.05
N/A
ps
(rms)
t
jphSGMII
125MHz, 1.5MHz to 10MHz, -20dB/decade rollover <
1.5MHz, -40db/decade rolloff > 10MHz1,6
0.15
N/A
ps
(rms)
Note:
1. Applies to all outputs, with device driven by 9FG432AKLF or equivalent.
2. See http://www.pcisig.com for complete specs
3. Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
4. Subject to final ratification by PCI SIG.
5. For RMS figures, additive jitter is calculated by solving the following equation: Additive jitter = SQRT[(total jitter)^2 - (input jitter)^2]
6. Applies to all differential outputs
15-0083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com