Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6CDBL402B Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6CDBL402B
Description  4 -Output Low Power PCIE GEN 1-2-3 Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL402B Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL402B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CDBL402B Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
10
All trademarks are property of their respective owners.
www.pericom.com
06/30/15
PI6CDBL402B
4 -Output Low Power PCIE GEN 1-2-3 Buffer
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions Cont...
Symbol Parameters
Condition
Min.
Type Max. Units
V
OLSMB
SMBus Output Low Voltage1
@ I
PULLUP
0.4
V
I
PULLUP
SMBus Sink Current1
@ V
OL
4
mA
V
DDSMB
Nominal Bus Voltage1
3.3V bus voltage
2.7
3.6
V
t
RSMB
SCLK/SDATA Rise Time1
(Max VIL - 0.15) to (Min VIH + 0.15)
1000
ns
t
FSMB
SCLK/SDATA Fall Time1
(Min VIH + 0.15) to (Max VIL - 0.15)
300
ns
f
MAXSMB
SMBus Operating
Frequency1,5
Maximum SMBus operating frequency
400
kHz
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Control input must be monotonic from 20% to 80% of input swing. Input Frequency Capacitance
3. Time from deassertion until outputs are >200 mV
4. DIF_IN input
5. The differential input clock must be running for the SMBus to be active
Electrical Characteristics–DIF 0.7V Low Power HCSL Outputs (T
A = -40~85
o
C; VDD = 3.3V+/-10%;
VDDO = 3.3V+/-10%, VDDO = 2.5V+/-10%, VDDO = 1.8V+/-10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min.
Type Max.
Units
Trf
Slew rate1,2,3
1.1
2
4.5
V/ns
V
HIGH
Voltage High1,7 Statistical measurement on single-ended signal using
oscilloscope math function. (Scope averaging on)
660
950
mV
V
LOW
Voltage Low1,7
-150
200
mV
Vmax
Max Voltage1
Measurement on single ended signal using
absolute value. (Scope averaging off)
1150
mV
Vmin
Min Voltage1
-300
mV
Vswing
Vswing1,2,7
Scope averaging off
300
mV
Crossing Voltage
(abs)
Vcross_abs
Scope averaging off
250
550
mV
Crossing Voltage
(var)
Δ-Vcross
Scope averaging off
140
mV
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Measured from differential waveform
3. Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around differential 0V.
4. Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on the average cross point
where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calcula-
tions.
5. Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising edge (i.e. Clock rising and
Clock# falling).
6. The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross absolute) allowed. The intent is
to limit Vcross induced modulation by setting Δ-Vcross to be smaller than Vcross absolute.
7. At default SMBus settings.
15-0083



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com